Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC1G11DW Datasheet(PDF) 2 Page - Diodes Incorporated |
|
74LVC1G11DW Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 13 page 74LVC1G11 SINGLE 3 INPUT POSITIVE AND GATE 74LVC1G11 Document number: DS35122 Rev. 1 - 2 2 of 13 www.diodes.com January 2011 © Diodes Incorporated Pin Descriptions Pin Name Description A Data Input GND Ground B Data Input Y Data Output Vcc Supply Voltage C Data Input Logic Diagram Function Table Inputs Output A B C Y H H H H L X X L X L X L X X L L Absolute Maximum Ratings (Note 2) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to 6.5 V VI Input Voltage Range -0.5 to 6.5 V Vo Voltage applied to output in high impedance or IOFF state -0.5 to 6.5 V Vo Voltage applied to output in high or low state -0.3 to VCC +0.5 V IIK Input Clamp Current VI<0 -50 mA IOK Output Clamp Current -50 mA IO Continuous output current ±50 mA Continuous current through Vdd or GND ±100 mA TJ Operating Junction Temperature -40 to 150 °C TSTG Storage Temperature -65 to 150 °C Notes: 2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. A 3 4 Y B 6 C 1 |
Número de pieza similar - 74LVC1G11DW |
|
Descripción similar - 74LVC1G11DW |