Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCE1G07W5 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74LVCE1G07W5
Descripción Electrónicos  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G07W5 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVCE1G07W5 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G07W5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74LVCE1G07
SINGLE BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVCE1G07
Document number: DS32275 Rev. 2 - 2
1 of 13
www.diodes.com
December 2010
© Diodes Incorporated
Description
The 74LVCE1G07 is a single inverter gate with an open drain
output. The device is designed for operation with a power
supply range of 4V to 5.5V.
The input is tolerant to 5.5V
allowing this device to be used in a mixed voltage
environment. The device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the
device is powered down.
The open-drain output can be
connected to other open drain outputs to implement active-
low wired-OR or active-high wired-AND functions.
The
maximum sink current is 32 mA.
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
Direct Interface with TTL Levels
SOT25, SOT353, and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
NC
GND
Y
Vcc
(Top View)
5
4
3
2
1
A
2
3
(Top View)
DFN1410 (Note 2)
NC
A
GND
Y
Vcc
NC
4
6
5
1
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


Número de pieza similar - 74LVCE1G07W5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G07W5 DIODES-74LVCE1G07W5 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVCE1G07W5-7 DIODES-74LVCE1G07W5-7 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
More results

Descripción similar - 74LVCE1G07W5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com