Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVCE1G07 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74LVCE1G07
Descripción Electrónicos  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G07 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVCE1G07 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G07 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVCE1G07
SINGLE BUFFER/DRIVER WITH
OPEN DRAIN OUTPUT
74LVCE1G07
Document number: DS32275 Rev. 2 - 2
5 of 13
www.diodes.com
December 2010
© Diodes Incorporated
Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25°C)
Over recommended free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ
Max
Unit
VOL
Low Level
Output Voltage
IOL = 100 μA
1.4 V to 5.5 V
0.1
V
IOL = 3 mA
1.4 V
0.4
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
IOL = 16 mA
3 V
0.4
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 5
μA
IOZ
Z State
Leakage Current
VO = 5.5V
3.6 V
± 10
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0 V
± 10
μA
ICC
Supply Current
VI = 5.5 V or GND IO=0
1.4 V to 5.5 V
10
μA
ΔI
CC
Additional Supply
Current
Input at VCC –0.6 V
3 V to 5.5 V
500
μA
CIi
Input Capacitance
VI = VCC or GND
3.3V
4
pF
CO
Output Capacitance
VO= VCC or GND
3.3V
5
pF
θ
JA
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
204
ºC/W
SOT353
(Note 5)
371
DFN1410
(Note 5)
430
θ
JC
Thermal Resistance
Junction-to-Case
SOT25
(Note 5)
52
ºC/W
SOT353
(Note 5)
143
DFN1410
(Note 5)
190
Notes:
5. Test condition for SOT25, SOT353, and DFN1410: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.


Número de pieza similar - 74LVCE1G07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVCE1G07SE DIODES-74LVCE1G07SE Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVCE1G07SE-7 DIODES-74LVCE1G07SE-7 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVCE1G07W5 DIODES-74LVCE1G07W5 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
74LVCE1G07W5-7 DIODES-74LVCE1G07W5-7 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
More results

Descripción similar - 74LVCE1G07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com