Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-16 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BC817-16
Descripción Electrónicos  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-16 Datasheet(HTML) 2 Page - Diodes Incorporated

  BC817-16_09 Datasheet HTML 1Page - Diodes Incorporated BC817-16_09 Datasheet HTML 2Page - Diodes Incorporated BC817-16_09 Datasheet HTML 3Page - Diodes Incorporated BC817-16_09 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817-16 / -25 / -40
Document number: DS11107 Rev. 18 - 2
2 of 4
www.diodes.com
April 2009
© Diodes Incorporated
BC817-16 / -25 / -40
0
100
200
300
400
0100
200
T
, SUBSTRATE TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Substrate Temperature (Note 1)
SB
°
R
= 320°C/W
θSB
0
100
200
300
400
500
01
2
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
0
20
40
60
80
100
010
20
V
, COLLECTOR-EMITTER VOLTAGE (V)
Fig. 3 Typical Collector Current
vs. Collector-Emitter Voltage
CE
10
100
1,000
110
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical DC Current Gain vs. Collector Current
C
V
= 1V
CE
150 C
°
T = 25 C
A
°
-50 C
°
100
1,000
0.1
0
0.1
0.2
0.3
0.4
0.5
110
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
typical
limits
at T = 25 C
A
°
I / I = 10
CB
150 C
°
25 C
°
-50 C
°
100
1,000
0.1
10
100
1,000
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 6 Gain-Bandwidth Product vs. Collector Current
C


Número de pieza similar - BC817-16_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BC817-16 SECOS-BC817-16_09 Datasheet
208Kb / 2P
   NPN Plastic Encapsulate Transistors
More results

Descripción similar - BC817-16_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com