Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDNBS08-PLC03-6 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

No. de pieza CDNBS08-PLC03-6
Descripción Electrónicos  Steering Diode/TVS Array Combo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-PLC03-6 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDNBS08-PLC03-6 Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-PLC03-6 Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-PLC03-6 Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-PLC03-6 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
A
B
D
E
C
F
H
G
MILLIMETERS
(INCHES)
DIMENSIONS =
AB
C
D
E
Dimensions
A
4.80 - 5.00
(0.189 - 0.196)
B
3.80 - 4.00
(0.150 - 0.157)
C
5.80 - 6.20
(0.229 - 0.244)
D
1.35 - 1.75
(0.054 - 0.068)
E
0.10 - 0.25
(0.004 - 0.008)
F
0.25 - 0.50
(0.010 - 0.019)
G
0.40 - 1.250
(0.016 - 0.049)
H
0.18 - 0.25
(0.007 - 0.009)
Dimensions
A
1.143 - 1.397
(0.045 - 0.055)
B
0.635 - 0.889
(0.025 - 0.035)
C
6.223
(0.245)
Min.
D
3.937 - 4.191
(0.155 - 0.165)
E
1.016 - 1.27
(0.040 - 0.050)
This is a molded JEDEC narrow body SO-8 package with lead free
100 % Sn plating on the lead frame. It weighs approximately 15 mg
and has a flammability rating of UL 94V-0.
Recommended Footprint
How To Order
CD NBS08 - PLC03 - 6
Common Code
Chip Diode
Package
• NBS08 = Narrow Body SOIC8 Package
Model
PLC03 = Model Number
Working Peak Voltage
6 = 6 VWM (Volts)
Product Dimensions
CDNBS08-PLC03-6 ....................................................................PBA
Typical Part Marking


Número de pieza similar - CDNBS08-PLC03-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6 Datasheet
340Kb / 4P
   CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
More results

Descripción similar - CDNBS08-PLC03-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com