Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA6022 Datasheet(PDF) 2 Page - Sanken electric

No. de pieza SLA6022
Descripción Electrónicos  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6022 Datasheet(HTML) 2 Page - Sanken electric

  SLA6022_06 Datasheet HTML 1Page - Sanken electric SLA6022_06 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
113
NPN
PNP
NPN
PNP
NPN
PNP
VCE(sat)-IB Characteristics (Typical)
θ j-a-PW Characteristics
VCE(sat)-IC Temperature Characteristics (Typical)
PT-Ta Characteristics
Safe Operating Area (SOA)
Characteristic curves
SLA6022
(Ta=25
°C)
NPN
PNP
Symbol
Specification
Unit
Conditions
Specification
Unit
Conditions
min
typ
max
min
typ
max
ICBO
10
µAVCB=100V
–10
µAVCB=–100V
IEBO
10
µAVEB=6V
–10
mA
VEB=–6V
VCEO
80
V
IC=10mA
–100
V
IC=–10mA
hFE
2000
VCE=4V, IC=3A
2000
VCE=–4V, IC=–3A
VCE(sat)
1.5
V
IC=3A, IB=6mA
–1.5
V
IC=–3A, IB=–6mA
VFEC
V
1.3
V
IFEC=1A
trr
µs
2.0
µsIFEC=±100mA
3
0.2
0.5
2
1
0
1
5
10
50
100
IC=5A
IC=3A
IC=1A
IB (mA)
3
0.3
0.5
2
1
0
15
8
25
°C
(IC / IB=1000)
IC (A)
10
5
5
1
0.5
0.1
0.05
0.03
100
50
10
3
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
20
10
5
1
0.5
1
5
10
50 100
500 1000
PW (mS)
25
20
15
10
5
0
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
–40
0
50
100
150
Ta (
°C)
Without Heatsink
100
×
100
×
2
50×
50×
2
–3
–0.2
–0.5
–2
–1
0
–1
–5
–10
–50
–100
IC=–1A
IC=–3A
IC=–5A
IB (mA)
–3
–0.3
–0.5
–2
–1
0
–1
–5
–8
125
°C
75
°C
25
°C
Ta=–30
°C
(IC / IB=1000)
IC (A)
–10
–5
–5
–1
–0.5
–0.1
–0.05
–0.03
–100
–50
–10
–3
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
Electrical characteristics


Número de pieza similar - SLA6022_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results

Descripción similar - SLA6022_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com