Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA460C Datasheet(PDF) 1 Page - Sanken electric

No. de pieza STA460C
Descripción Electrónicos  NPN Darlington With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA460C Datasheet(HTML) 1 Page - Sanken electric

  STA460C_06 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
180
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
60
±10
V
VCEO
60
±10
V
VEBO
6V
IC
±6A
ICP
±10 (PW≤1ms, Du≤50%)
A
3.2 (Ta=25
°C)
18 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Ratings
Unit
ICBO
10
µAVCB=50V
IEBO
10
µAVEB=6V
VCEO
50
60
70
V
IC=50mA
hFE
700
1500
3000
VCE=1V, IC=1A
VCE(sat)
0.09
0.15
V
IC=1.5A, IB=15mA
VFEC
1.25
1.5
V
IFEC=6A
ES/B
200
mJ
L=10mH, Single pulse
Specification
min
typ
max
PT
W
STA460C
3
2
4
8
7
9
VCE (V)
1
23
4
5
0
20m
A
10m
A
5mA
3mA
1mA
1
0
2
3
4
5
6
9
10
7
8
(VCE=1V)
IC (A)
5000
1000
500
100
50
30
0.01
0.05 0.1
0.5
1
5
10
typ
(VCE=1V)
IC (A)
5000
1000
500
100
50
30
0.01
0.05 0.1
0.5
1
5
10
Ta=125
°C
–55
°C
25
°C
75
°C
(IC / IB=100)
IC (A)
0.75
0.5
0.25
0
0.01
0.05 0.1
0.5
1
5
10
Ta=–55˚C
25˚C
75˚C
125˚C
IB (mA)
0.75
0.5
0.25
0
1
5
10
50
100
500
IC=3A
1.5A
0.5A
(VCE=1V)
VBE (V)
6
4
0
0
0.5
1.0
1.5
5
3
2
1
75
°C
PW (mS)
0.5
1000 2000
500
10
100
50
5
1
0.5
1
0.1
5
0.05
20
10
0.1
–55
Ta (
°C)
0
50
150
100
0
20
15
10
5
With Silicone Grease
Natural Cooling
Without Heatsink
VCE (V)
20
5
0.05
0.5
1
10
50
10
1
0.5
0.1
5100
Single Pulse
Without Heatsink
Ta=25
°C
NPN Darlington
With built-in avalanche diode
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


Número de pieza similar - STA460C_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
32Kb / 1P
   NPN Darlington With built-in avalanche diode
More results

Descripción similar - STA460C_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
STA371A SANKEN-STA371A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
STA401A SANKEN-STA401A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA435A SANKEN-STA435A Datasheet
22Kb / 1P
   NPN Darlington With built-in avalanche diode
STA460C SANKEN-STA460C Datasheet
19Kb / 1P
   NPN Darlington With built-in avalanche diode
STA481A SANKEN-STA481A Datasheet
23Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com