Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB330-B Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza SB330-B
Descripción Electrónicos  3.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB330-B Datasheet(HTML) 3 Page - Diodes Incorporated

  SB330-B Datasheet HTML 1Page - Diodes Incorporated SB330-B Datasheet HTML 2Page - Diodes Incorporated SB330-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB320 - SB360
Document number: DS23023 Rev. 9 - 2
3 of 3
www.diodes.com
November 2010
© Diodes Incorporated
SB320 - SB360
Package Outline Dimensions
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2010, Diodes Incorporated
www.diodes.com
DO-201AD
Dim
Min
Max
A
25.40
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm


Número de pieza similar - SB330-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SB330-B DIODES-SB330-B Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
More results

Descripción similar - SB330-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B320AF DIODES-B320AF Datasheet
311Kb / 1P
   3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
   3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com