Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB330-T Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza SB330-T
Descripción Electrónicos  3.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB330-T Datasheet(HTML) 1 Page - Diodes Incorporated

  SB330-T Datasheet HTML 1Page - Diodes Incorporated SB330-T Datasheet HTML 2Page - Diodes Incorporated SB330-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB320 - SB360
Document number: DS23023 Rev. 9 - 2
1 of 3
www.diodes.com
November 2010
© Diodes Incorporated
SB320 - SB360
3.0A SCHOTTKY BARRIER RECTIFIER
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
Surge Overload Rating to 80A Peak
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
Lead Free Finish, RoHS Compliant (Note 1)
IEC 61000-4-2 (ESD - 150pF/330
Ω)
Contact - ±15kV
Mechanical Data
Case: DO-201AD
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Tin. Solderable per MIL-STD-202, Method
208
Polarity: Cathode Band
Marking: Type Number
Weight: 1.1 grams (approximate)
Ordering Information (Note 2)
Device
Packaging
Shipping
SB320-B
DO-201AD
500/Bulk
SB320-T
DO-201AD
1200/13” Tape & Reel
SB330-B
DO-201AD
500/Bulk
SB330-T
DO-201AD
1200/13” Tape & Reel
SB340-B
DO-201AD
500/Bulk
SB340-T
DO-201AD
1200/13” Tape & Reel
SB350-B
DO-201AD
500/Bulk
SB350-T
DO-201AD
1200/13” Tape & Reel
SB360-B
DO-201AD
500/Bulk
SB360-T
DO-201AD
1200/13” Tape & Reel
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current (Note 3) (See Figure 1)
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
80
A
Thermal Characteristics
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Typical Thermal Resistance (Note 5)
RθJA
30
°C/W
RθJL
10
Operating Temperature Range
TJ
-65 to +125
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
SB320
SB330
SB340
SB350
SB360
Unit
Forward Voltage
@ IF = 3.0A
VFM
0.50
0.74
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 100°C
IRM
0.5
mA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, go to our website at http://www.diodes.com.
3. Measured at ambient temperature at a distance of 9.5mm from the case.
4. Short duration pulse test used to minimize self-heating effect.
5. Thermal resistance from junction to lead vertical P.C.B. mounted, 0.500" (12.7mm) lead length with 2.5 x 2.5" (63.5 x 63.5mm) copper pad.


Número de pieza similar - SB330-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB330-T3 WTE-SB330-T3 Datasheet
46Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB330-T3 WTE-SB330-T3 Datasheet
59Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
SB330-TB WTE-SB330-TB Datasheet
46Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB330-TB WTE-SB330-TB Datasheet
59Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
More results

Descripción similar - SB330-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
TSR320 TAITRON-TSR320 Datasheet
261Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB370 DIODES-SB370_08 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
Rev. 3 - 2 July 2008
SB320 DIODES-SB320 Datasheet
147Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
SB370 DIODES-SB370_15 Datasheet
84Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB360 UTC-SB360 Datasheet
113Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SB3100 UTC-SB3100 Datasheet
102Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B320AF DIODES-B320AF Datasheet
311Kb / 1P
   3.0A SCHOTTKY BARRIER RECTIFIER
May 2017 Rev. 2 - 2
B320BE DIODES-B320BE Datasheet
458Kb / 6P
   3.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 3 - 2
logo
Unisonic Technologies
SB340 UTC-SB340_15 Datasheet
129Kb / 4P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB320 DIODES-SB320_1 Datasheet
70Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com