Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7975 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LA7975
Descripción Electrónicos  PAL SIF Converter Circuit for TV and VCR Multi-system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7975 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7975 Datasheet HTML 1Page - Sanyo Semicon Device LA7975 Datasheet HTML 2Page - Sanyo Semicon Device LA7975 Datasheet HTML 3Page - Sanyo Semicon Device LA7975 Datasheet HTML 4Page - Sanyo Semicon Device LA7975 Datasheet HTML 5Page - Sanyo Semicon Device LA7975 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
.
Pin 5 is the output pin. The output from Pin 5 is input to the
SIF via a 6 MHz bandpass filter (BPF).
When 5.5 MHz is input to Pin 1, the spectrum shown in
Figure 10 is obtained at Pin 5. Even if there is a 5.85 MHz
NICAM signal, the D/U (desirable/undesirable) ratio at Pin 5
increases and the buzz characteristic does not deteriorate.
When 6 MHz is input at Pin 1 and there is a 6.552 MHz
NICAM signal, then 6.552 MHz is mixed with 500 kHz to
make 6.052 MHz. This becomes an interference signal and is
within the band for 6 MHz. Therefore,for 6 MHz input, Pin 4
is grounded with 10 k
Ω to stop the oscillation and pass
through the input signal 6 MHz as is.
Reference Characteristic Diagram
Unit (resistance:
Ω)
Figure 9
Output level
Ceramic BPF
chracteristic
D/U ratio
Figure 10 (5.5 MHz input)
Output level
Interference obtained with LA7975 mixer
6.552 MHz – 500 kHz = 6.052 MHz
D/U
ratio
Figure 11 (6 MHz input)
Input/output characteristic
Input level – dB/µV
* S1 on for 6 MHz
measurement
Unit (resistance:
Ω, capacitance: F)
VO –VCC
* Input level 80 dB/µV S1 on
for 6 MHz measurement
Supply voltage, VCC –V
LA7975
No.3994-5/6


Número de pieza similar - LA7975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
More results

Descripción similar - LA7975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
logo
Toshiba Semiconductor
TA8865BN TOSHIBA-TA8865BN Datasheet
1Mb / 27P
   PLL MULTI PIF/SIF SYSTEM FOR COLOR TV AND VCR
logo
NTE Electronics
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
   Integrated Circuit VIF & SIF Circuit for TV/VCR
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Sanyo Semicon Device
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com