Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA9230 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LA9230
Descripción Electrónicos  Analog Signal Processor ASP for CD players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9230 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA9230 Datasheet HTML 1Page - Sanyo Semicon Device LA9230 Datasheet HTML 2Page - Sanyo Semicon Device LA9230 Datasheet HTML 3Page - Sanyo Semicon Device LA9230 Datasheet HTML 4Page - Sanyo Semicon Device LA9230 Datasheet HTML 5Page - Sanyo Semicon Device LA9230 Datasheet HTML 6Page - Sanyo Semicon Device LA9230 Datasheet HTML 7Page - Sanyo Semicon Device LA9230 Datasheet HTML 8Page - Sanyo Semicon Device LA9230 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin Function
Descriptions enclosed in brackets apply to the LA9231M only.
Pin
No.
Symbol
Contents
1
FIN2
Pickup photodiode connection pin. Added to FIN1 pin to generate the RF signal, subtracted from FIN1 pin to generate
the FE signal.
2
FIN1
Pickup photodiode connection pin.
3
E
Pickup photodiode connection pin. Subtracted from F pin to generate the TE signal.
4
F
Pickup photodiode connection pin.
5
TB
TE signal DC component input pin.
6TE
Pin which connects the TE signal gain setting resistor between this pin and TE pin.
7
TE
TE signal output pin.
8
TESI
TES (Track Error Sense) comparator input pin. The TE signal is input through a bandpass filter.
9
SCI
Shock detection input pin.
10
TH
Tracking gain time constant setting pin.
11
TA
TA amplifier output pin.
12
TD
Pin for configuring the tracking phase compensation constant between the TD and VR pins.
13
TD
Tracking phase compensation setting pin.
14
JP
Tracking jump signal (kick pulse) amplitude setting pin.
15
TO
Tracking control signal output pin.
16
FD
Focusing control signal output pin.
17
FD
Pin for configuring the focusing phase compensation constant between the FD and FA pins.
18
FA
Pin for configuring the focusing phase compensation constant between the FD
and FApins.
19
FA
Pin for configuring the focusing phase compensation constant between the FA and FE pins.
20
FE
FE signal output pin.
21
FE
Pin which connects the FE signal gain setting resistor between this pin and FE pin.
22
AGND
Analog signal GND.
23
SP
CV
+ and CVpins input signal single-end output.
24
SPI
Spindle amplifier input.
25
SPG
12-cm spindle mode gain setting resistor connection pin.
26
SP
Spindle phase compensation constant connection pin, along with the SPD pin.
27
SPD
Spindle control signal output pin.
28
SLEQ
Sled phase compensation constant connection pin.
29
SLD
Sled control signal output pin.
30
SL
Input pin for sled movement signal from microprocessor.
31
SL
+
Input pin for sled movement signal from microprocessor.
32
JP
Input pin for tracking jump signal from DSP.
33
JP
+
Input pin for tracking jump signal from DSP.
34
TGL
Input pin for tracking gain control signal from DSP. Gain is low when TGL is high.
35
TOFF
Input pin for tracking off control signal from DSP. Tracking servo is off when TOFF is high.
36
TES
Output pin for TES signal to DSP.
37
HFL
The High Frequency Level is used to determine whether the main beam is positioned over a bit or over the mirrored
surface.
38
SLOF
Sled servo off control input pin
39
CV
Input pin for CLV error signal from DSP.
40
CV
+
Input pin for CLV error signal from DSP.
41
RFSM
RF output pin.
42
RFS
RF gain setting and EFM signal 3T compensation constant setting pin, along with the RFSM pin.
43
SLC
Slice Level Control is an output pin that controls the data slice level used by the DSP for the RF waveform.
44
SLI
Input pin used by DSP for controlling the data slice level.
45
DGND
Digital system GND pin.
46
NC
No connection
[FSC]
[Focus search smoothing capacitor output pin.]
47
NC
No connection
48
NC
No connection
49
DEF
Disc defect detection output pin.
50
CLK
Reference clock input pin. 4.23 MHz signal from the DSP is input.
51
CL
Microprocessor command clock input pin.
Continued on next page.
LA9230M/9231M
No.5189 - 4/20


Número de pieza similar - LA9230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9233 SANYO-LA9233 Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
More results

Descripción similar - LA9230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com