Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA9511W Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA9511W
Descripción Electrónicos  AV Remote Coupler Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9511W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA9511W Datasheet HTML 1Page - Sanyo Semicon Device LA9511W Datasheet HTML 2Page - Sanyo Semicon Device LA9511W Datasheet HTML 3Page - Sanyo Semicon Device LA9511W Datasheet HTML 4Page - Sanyo Semicon Device LA9511W Datasheet HTML 5Page - Sanyo Semicon Device LA9511W Datasheet HTML 6Page - Sanyo Semicon Device LA9511W Datasheet HTML 7Page - Sanyo Semicon Device LA9511W Datasheet HTML 8Page - Sanyo Semicon Device LA9511W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ordering number : ENN6468
71400RM (OT) No. 6468-1/13
Overview
The LA9511W is a transmitter IC developed for free-
space infrared transmission of stereo audio and video
signals. It integrates all the required functions for
transmission, including audio signal modulation, video
signal modulation, LED drive, and other functions on a
single chip. An AV coupler system can be implemented
easily using this IC and a receiver IC (such as the
LA9520V).
Functions
[Audio Block]
• Audio input block ALC with wide AGC operating range
• Integration of passive components used for preemphasis
and time constants onto the chip.
• Deviation adjustment amplifier. Adjustable from an
externally applied voltage: supports an electronic
variable resistor function.
• Filter: Removes unneeded high-frequency components.
• Audio VCO. PLL circuit adopted for adjustment-free
operation.
[Video Block]
• Video deviation amplifier. Adjustable from an externally
applied voltage: supports an electronic variable resistor
function.
• Video preemphasis
• Video VCO. f0 adjustment from an externally applied
voltage: supports an electronic variable resistor function.
• Filter. Removes unneeded high-frequency components.
[Driver Block]
• Mixer and driver amplifier. Features excellent high-
frequency characteristics and allows addition of external
data (remote control).
Package Dimensions
unit: mm
3163A-SQFP48
0.5
0.15
0.18
0.75
0.5
0.75
0.5
112
13
24
25
36
37
48
7.0
9.0
SANYO: SQFP48
[LA9511W]
LA9511W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
AV Remote Coupler Transmitter
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Número de pieza similar - LA9511W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9520V SANYO-LA9520V Datasheet
144Kb / 12P
   AV Coupler Receiver
logo
LIGITEK electronics co....
LA95B-DBK.X-2-PF LIGITEK-LA95B-DBK.X-2-PF Datasheet
116Kb / 6P
   LED ARRAY
LA95B-DBK.X-PF LIGITEK-LA95B-DBK.X-PF Datasheet
109Kb / 6P
   LED ARRAY
LA95B-G.X-2-PF LIGITEK-LA95B-G.X-2-PF Datasheet
112Kb / 6P
   LED ARRAY
LA95B-G.X-PF LIGITEK-LA95B-G.X-PF Datasheet
109Kb / 6P
   LED ARRAY
More results

Descripción similar - LA9511W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9520V SANYO-LA9520V Datasheet
144Kb / 12P
   AV Coupler Receiver
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
STMicroelectronics
UAA4000 STMICROELECTRONICS-UAA4000 Datasheet
308Kb / 5P
   REMOTE CONTRPL TRANSMITTER
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Zarlink Semiconductor I...
MV2000 ZARLINK-MV2000 Datasheet
422Kb / 5P
   REMOTE KEYBOARD TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com