Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES2G-13-F Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza ES2G-13-F
Descripción Electrónicos  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES2G-13-F Datasheet(HTML) 3 Page - Diodes Incorporated

  ES2G-13-F Datasheet HTML 1Page - Diodes Incorporated ES2G-13-F Datasheet HTML 2Page - Diodes Incorporated ES2G-13-F Datasheet HTML 3Page - Diodes Incorporated ES2G-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES2G
Document number: DS30212 Rev. 8 - 2
3 of 4
www.diodes.com
September 2010
© Diodes Incorporated
ES2G
Ordering Information (Note 7)
Part Number
Case
Packaging
ES2G-13-F
SMB
3000/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMB
Dimensions
Value (in mm)
Z
6.7
G
1.8
X
2.3
Y
2.5
C
4.3
ES2G = Product type marking code
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
ES2G
A
B
C
D
G
H
E
J


Número de pieza similar - ES2G-13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ES2G-13-F DIODES-ES2G-13-F Datasheet
501Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
ES2G-13-F DIODES-ES2G-13-F Datasheet
193Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
More results

Descripción similar - ES2G-13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
ES2A DIODES-ES2A Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2G DIODES-ES2G_15 Datasheet
123Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2AA DIODES-ES2AA_10 Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2A DIODES-ES2A_10 Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 12 - 2
logo
Won-Top Electronics
ER2A WTE-ER2A Datasheet
51Kb / 3P
   2.0A SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com