Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT1000 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza BAT1000
Descripción Electrónicos  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT1000 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT1000_10 Datasheet HTML 1Page - Diodes Incorporated BAT1000_10 Datasheet HTML 2Page - Diodes Incorporated BAT1000_10 Datasheet HTML 3Page - Diodes Incorporated BAT1000_10 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT1000
Document number: DS30245 Rev. 9 - 2
1 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT1000
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Very Low Forward Voltage Drop
High Conductance
For Use in DC-DC Converter, PCMCIA, and Mobile
Telecommunications Applications
Lead, Halogen and Antimony Free, RoHS Compliant "Green"
Device (Notes 1 and 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAT1000-7-F
SOT-23
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Schematic and Pin Configuration
TOP VIEW
K79 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
K79


Número de pieza similar - BAT1000_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
More results

Descripción similar - BAT1000_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
logo
Yea Shin Technology Co....
BAT140 YEASHIN-BAT140 Datasheet
124Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
   1A, 200V Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
LGSS12A-SERIES LUGUANG-LGSS12A-SERIES Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK14MAFG CITC-SK14MAFG Datasheet
504Kb / 4P
   1A Surface Mount Schottky Barrier Rectifiers
SKS12B CITC-SKS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com