Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8362 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8362
Descripción Electrónicos  50 Hz to 3.8 GHz 65 dB TruPwr??Detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 4 Page - Analog Devices

  AD8362_1 Datasheet HTML 1Page - Analog Devices AD8362_1 Datasheet HTML 2Page - Analog Devices AD8362_1 Datasheet HTML 3Page - Analog Devices AD8362_1 Datasheet HTML 4Page - Analog Devices AD8362_1 Datasheet HTML 5Page - Analog Devices AD8362_1 Datasheet HTML 6Page - Analog Devices AD8362_1 Datasheet HTML 7Page - Analog Devices AD8362_1 Datasheet HTML 8Page - Analog Devices AD8362_1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8362
Rev. D | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
RMS TARGET INTERFACE
Pin VTGT
Nominal Input Voltage Range
Measurement range = 60 dB, to ±1 dB error
0.625
2.5
V
Input Bias Current
VTGT = 1.25 V
−28
μA
VTGT = 0 V
−52
μA
Incremental Input Resistance
52
POWER-DOWN INTERFACE
Pin PWDN
Logic Level to Enable
Logic low enables
1
V
Logic Level to Disable
Logic high disables
3
V
Input Current
Logic high
230
μA
Logic low
5
μA
Enable Time
From PWDN low to VOUT within 10% of final value, CLPF = 1000 pF
14.5
ns
Disable Time
From PWDN high to VOUT within 10% of final value, CLPF = 1000 pF
2.5
μs
POWER SUPPLY INTERFACE
Pin VPOS
Supply Voltage
4.5
5
5.5
V
Quiescent Current
20
22
mA
Supply Current
When disabled
0.2
mA
900 MHz
Dynamic Range
Error referred to best-fit line (linear regression)
±1.0 dB linearity, CW input
65
dB
±0.5 dB linearity, CW input
62
dB
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = −45 dBm
−1.7
dB
−40°C < TA < +85°C, PIN = −20 dBm
−1.4
dB
−40°C < TA < +85°C, PIN = +5 dBm
−1.0
dB
Logarithmic Slope
46
50
54
mV/dB
Logarithmic Intercept
−64
−60
−56
dBm
Deviation from CW Response
5.5 dB peak-to-rms ratio (IS95 reverse link)
0.2
dB
12.0 dB peak-to-rms ratio (W-CDMA 4 channels)
0.2
dB
18.0 dB peak-to-rms ratio (W-CDMA 15 channels)
0.5
dB
1.9 GHz
Dynamic Range
Error referred to best-fit line (linear regression)
±1 dB linearity, CW input
65
dB
±0.5 dB linearity, CW input
62
dB
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = −45 dBm
−0.6
dB
−40°C < TA < +85°C, PIN = −20 dBm
−0.5
dB
−40°C < TA < +85°C, PIN = +5 dBm
−0.3
dB
Logarithmic Slope
51
mV/dB
Logarithmic Intercept
−59
dBm
Deviation from CW Response
5.5 dB peak-to-rms ratio (IS95 reverse link)
0.2
dB
12.0 dB peak-to-rms ratio (W-CDMA 4 channels)
0.2
dB
18.0 dB peak-to-rms ratio (W-CDMA 15 channels)
0.5
dB
2.2 GHz
Dynamic Range
Error referred to best-fit line (linear regression)
±1.0 dB linearity, CW input
65
dB
±0.5 dB linearity, CW input
65
dB
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = −45 dBm
−1.8
dB
−40°C < TA < +85°C, PIN = −20 dBm
−1.6
dB
−40°C < TA < +85°C, PIN = +5 dBm
−1.3
dB
Logarithmic Slope
50.5
mV/dB
Logarithmic Intercept
−61
dBm
Deviation from CW Response
5.5 dB peak-to-rms ratio (IS95 reverse link)
0.2
dB
12.0 dB peak-to-rms ratio (W-CDMA 4 channels)
0.2
dB
18.0 dB peak-to-rms ratio (W-CDMA 15 channels)
0.5
dB


Número de pieza similar - AD8362_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
More results

Descripción similar - AD8362_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
   50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com