Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8361ARTZ-RL7 Datasheet(PDF) 9 Page - Analog Devices |
|
AD8361ARTZ-RL7 Datasheet(HTML) 9 Page - Analog Devices |
9 / 24 page AD8361 Rev. C | Page 9 of 24 67mV 370mV 270mV 25mV 5 µs PER HORIZONTAL DIVISION GATE PULSE FOR 900MHz RF TONE RF INPUT 500mV PER VERTICAL DIVISION Figure 24. Output Response to Modulated Pulse Input for Various RF Input Levels, Supply 3 V, Modulation Frequency 900 MHz, No Filter Capacitor 67mV 370mV 25mV 500mV PER VERTICAL DIVISION 50 µs PER HORIZONTAL DIVISION RF INPUT GATE PULSE FOR 900MHz RF TONE 270mV Figure 25. Output Response to Modulated Pulse Input for Various RF Input Levels, Supply 3 V, Modulation Frequency 900 MHz, 0.01 µF Filter Capacitor R1 75 Ω 0.1 µF HPE3631A POWER SUPPLY C4 0.01 µF C2 100pF HP8648B SIGNAL GENERATOR C1 C3 TEK TDS784C SCOPE C5 100pF TEK P6204 FET PROBE 1 2 3 4 8 7 6 5 AD8361 VPOS IREF RFIN PWDN SREF VRMS FLTR COMM Figure 26. Hardware Configuration for Output Response to Modulated Pulse Input RF INPUT 67mV 370mV 270mV 25mV 500mV PER VERTICAL DIVISION PWDN INPUT 2 µs PER HORIZONTAL DIVISION Figure 27. Output Response Using Power-Down Mode for Various RF Input Levels, Supply 3 V, Frequency 900 MHz, No Filter Capacitor 67mV 370mV 270mV 25mV 500mV PER VERTICAL DIVISION PWDN INPUT RF INPUT 20 µs PER HORIZONTAL DIVISION Figure 28. Output Response Using Power-Down Mode for Various RF Input Levels, Supply 3 V, Frequency 900 MHz, 0.01 µF Filter Capacitor R1 75 Ω 0.1 µF HPE3631A POWER SUPPLY C4 0.01 µF C2 100pF HP8648B SIGNAL GENERATOR HP8110A SIGNAL GENERATOR C1 C3 TEK TDS784C SCOPE C5 100pF TEK P6204 FET PROBE 1 2 3 4 8 7 6 5 AD8361 VPOS IREF RFIN PWDN SREF VRMS FLTR COMM Figure 29. Hardware Configuration for Output Response Using Power-Down Mode |
Número de pieza similar - AD8361ARTZ-RL7 |
|
Descripción similar - AD8361ARTZ-RL7 |