Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27402SQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27402SQ
Descripción Electrónicos  High Performance Synchronous Buck Controller with DCR Current Sensing
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27402SQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM27402SQ Datasheet HTML 4Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 5Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 6Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 7Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 8Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 9Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 10Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 11Page - National Semiconductor (TI) LM27402SQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Startup Waveforms
30092636
2 ms/DIV
Pre-Bias Startup Waveforms
30092691
2 ms/DIV
OCP Hiccup
30092692
2 ms/DIV
Sync
30092693
400 ns/DIV
Tracking
30092694
2 ms/DIV
Shutdown Quiescent Current vs Temperature
30092634
www.national.com
8


Número de pieza similar - LM27402SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27402SQ/NOPB TI-LM27402SQ/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
LM27402SQX/NOPB TI-LM27402SQX/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
More results

Descripción similar - LM27402SQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com