Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4758A Datasheet(PDF) 3 Page - Diotech Company.

No. de pieza 1N4758A
Descripción Electrónicos  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTECH [Diotech Company.]
Página de inicio  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N4758A Datasheet(HTML) 3 Page - Diotech Company.

  1N4758A Datasheet HTML 1Page - Diotech Company. 1N4758A Datasheet HTML 2Page - Diotech Company. 1N4758A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
1N4728A THRU 1N4764A
FIG.1 -- BREAKDOWN CHARACTERISTICS
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
W
1.0
0.8
0.6
0.2
0.4
0
0
100
200℃
Ptot
Tamb
mA
0
5
10
IZ
20
15
30 V
25
VZ
20
40
60
80
100


Número de pieza similar - 1N4758A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
1N4758A WEITRON-1N4758A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Vishay Siliconix
1N4758A VISHAY-1N4758A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4758A VISHAY-1N4758A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
WILLAS ELECTRONIC CORP
1N4758A WILLAS-1N4758A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
1N4758A ETC-1N4758A Datasheet
190Kb / 2P
   1W ZENER DIODE
More results

Descripción similar - 1N4758A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
DL4728A DIOTECH-DL4728A Datasheet
902Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com