Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1838M Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LB1838M
Descripción Electrónicos  Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1838M Datasheet HTML 1Page - Sanyo Semicon Device LB1838M Datasheet HTML 2Page - Sanyo Semicon Device LB1838M Datasheet HTML 3Page - Sanyo Semicon Device LB1838M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block Diagram
Vcont pin
As shown in the above diagram, the Vcont pin outputs the voltage of the band gap Zener VZ+VF (= 1.93 V).
In normal use, this pin is left open.
The drive current ID is varied by the Vcont voltage. However, because the band gap Zener is shared, it functions as a bridge.
Thermal
shutdown
Note: As long as the voltages applied to VCC,VS1, VS2, ENA1, ENA2, IN1, and IN2 are within the limits set by the
absolute maximum ratings, there are no restrictions on the relationship of each voltage level in comparison with
the others (regarding which is higher or lower). (ex. VCC =3V,VS1,2=2V,ENA =IN=5 V)
60k
80k
60k
80k
60k
80k
60k
80k
(= constant)
LB1838M
No.3949-3/4


Número de pieza similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M ONSEMI-LB1838M Datasheet
82Kb / 5P
   Bidirectional Motor Driver
June, 2013
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Descripción similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1831M SANYO-LB1831M Datasheet
70Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1834M SANYO-LB1834M Datasheet
71Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1833M SANYO-LB1833M Datasheet
69Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1836M SANYO-LB1836M Datasheet
91Kb / 5P
   Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com