Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1840 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LB1840
Descripción Electrónicos  Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1840 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1840 Datasheet HTML 1Page - Sanyo Semicon Device LB1840 Datasheet HTML 2Page - Sanyo Semicon Device LB1840 Datasheet HTML 3Page - Sanyo Semicon Device LB1840 Datasheet HTML 4Page - Sanyo Semicon Device LB1840 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Continued from preceding page.
Pin No.
Symbol
Equivalent Circuit Diagram
Pin Function
5VC
Output
Input pins that determine the constant-
voltage regulated output level.
The constant-voltage regulated output VO
(= voltage between H side output and
GND) is controlled by VO = 2.5 × VC. There
are no limitations on the magnitude
relationships between the VCC and VC
supply voltages.
2
ENA
Standby/drive control input pin.
Current drain in standby mode is 10 µA or
less.
L: –0.3 to + 0.7 V or open
H: 3.0 to 9.0 V
There are no limitation on the magnitude
relationships between VCC and VENA
supply voltage.
7VM
Control input pin for switching between
constant voltage output and saturated
output.
L: –0.3 to VCC − 2.5 V
(saturated output)
H: VCC − 0.3 to VCC or open
(constant-voltage regulated output)
Sample Application Circuit
If the outputs oscillate, insert capacitors
of 0.001 to 0.1 µF between the outputs.
Stepping motor
LB1840M
No.4996 -4/5


Número de pieza similar - LB1840

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1841 SANYO-LB1841 Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results

Descripción similar - LB1840

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M_12 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M Datasheet
86Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M_10 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1839M SANYO-LB1839M Datasheet
89Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com