Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG4466SSS Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMG4466SSS
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4466SSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMG4466SSS Datasheet HTML 1Page - Diodes Incorporated DMG4466SSS Datasheet HTML 2Page - Diodes Incorporated DMG4466SSS Datasheet HTML 3Page - Diodes Incorporated DMG4466SSS Datasheet HTML 4Page - Diodes Incorporated DMG4466SSS Datasheet HTML 5Page - Diodes Incorporated DMG4466SSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMG4466SSS
Document number: DS32137 Rev. 3 - 2
1 of 6
www.diodes.com
September 2010
© Diodes Incorporated
DMG4466SSS
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Low Gate Resistance
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Page 5
Ordering Information: See Page 5
Weight: 0.072 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 3)
Steady
State
TA = 25°C
TA = 85°C
ID
10
6
A
Pulsed Drain Current (Note 4)
IDM
60
A
Avalanche Current (Notes 4 & 5)
IAR
16
A
Repetitive Avalanche Energy (Notes 4 & 5) L = 0.1mH
EAR
12.8
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
1.42
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
88.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. Device mounted on FR-4 substrate PC board with minimum recommended pad layout in a still air environment @ TA = 25°C. The value in any given
application depends on the
user's specific board design.
4. Repetitive rating, pulse width limited by junction temperature.
5. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
SO-8
TOP VIEW
Internal Schematic
TOP VIEW
S
D
D
G
D
D
S
S


Número de pieza similar - DMG4466SSS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG4466SSS-13 DIODES-DMG4466SSS-13 Datasheet
229Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL DIODES-DMG4466SSSL Datasheet
165Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL-13 DIODES-DMG4466SSSL-13 Datasheet
165Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL-13 DIODES-DMG4466SSSL-13 Datasheet
209Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4466SSSL DIODES-DMG4466SSSL_13 Datasheet
209Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMG4466SSS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com