Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856W Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BC856W
Descripción Electrónicos  PNP GENERAL PURPOSE TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC856W Datasheet HTML 1Page - Pan Jit International Inc. BC856W Datasheet HTML 2Page - Pan Jit International Inc. BC856W Datasheet HTML 3Page - Pan Jit International Inc. BC856W Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
December 17,2010-REV.00
BC856AW ~ BC859CW
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.004(0.10)MAX.
0.006(0.15)
0.002(0.05)
0.016(0.40)
0.008(0.20)
0.044(1.10)
0.035(0.90)
PNP GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
200 mWatts
FEATURES
• General purpose amplifier applications
• PNP epitaxial silicon, planar design
• Collector current I
C = 100mA
• Complimentary (NPN) Devices:BC846W/BC847W/BC848W/
BC849W Series
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0001 ounce, 0.005 gram
CURRENT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Symbol
Value
Units
Collector - Emitter Voltage
BC856W
BC857W
BC858W, BC859W
V
CEO
-65
-45
-30
V
Collector - Base Voltage
BC856W
BC857W
BC858W, BC859W
V
CBO
-80
-50
-30
V
Emitter - Base Voltage
BC856W
BC857W
BC858W, BC859W
V
EBO
6.0
6.0
-5.0
V
Collector Current - Continuous
I
C
-100
mA
Max Power Dissipation (Note 1)
P
TOT
200
mW
Storage Temperature Range
T
STG
-55 to 150
OC
Junction Temperature Range
T
J
-55 to 150
OC
Device Marking:
BC856AW=56A
BC857AW=57A
BC858AW=58A
BC856BW=56B
BC857BW=57B
BC858BW=58B
BC859BW=59B
BC857CW=57C
BC858CW=58C
BC859CW=59C


Número de pieza similar - BC856W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC856W PHILIPS-BC856W Datasheet
50Kb / 12P
   PNP general purpose transistors
1999 Apr 12
BC856W NXP-BC856W Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
logo
Nexperia B.V. All right...
BC856W NEXPERIA-BC856W Datasheet
236Kb / 11P
   PNP general purpose transistors
2002 Feb 04
logo
KEC(Korea Electronics)
BC856W KEC-BC856W Datasheet
248Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Continental Device Indi...
BC856W CDIL-BC856W Datasheet
376Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - BC856W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com