Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6VSB1 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza 6VSB1
Descripción Electrónicos  High Performance B Series RFI Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

6VSB1 Datasheet(HTML) 2 Page - Tyco Electronics

  6VSB1 Datasheet HTML 1Page - Tyco Electronics 6VSB1 Datasheet HTML 2Page - Tyco Electronics 6VSB1 Datasheet HTML 3Page - Tyco Electronics 6VSB1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
71
Corcom Product Guide
Catalog: 1654001
Issue Date: 08.2010
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
For email, phone or live chat, please go to
tycoelectronics.com/help
corcom.com
SB Series
High Performance B Series RFI Line Filters (continued)
Case Styles
6ESB1 & 6VSB1
D
E
A
C
B
10ESB1, 10VSB1, 20ESB1 & 20VSB1
D
E
A
C
B
ESB6 & VSB6
D
E
A
C
B
Typical Dimensions:
Line/Load Terminals (4):
.250 [6.3] with .07 [1.8] Dia. hole
Ground Terminal (1):
.250 [6.3] with .07 x .16 [1.8 x 3.8] slot
Mounting Holes (2):
.188 [4.75] Dia.
Part No.
AB
C
D
E
(max)
(max)
(max)
± .015
± .38
(max)
6ESB1,
6VSB1
3.36
1.82
0.91
2.375
2.78
85.34
46.23
23.11
60.325
70.61
10ESB1,
10VSB1
3.36
1.82
1.28
2.375
2.78
85.34
46.23
32.51
60.325
70.61
10ESB6,
10VSB6
3.47
1.82
1.53
2.375
2.78
88.14
46.23
38.86
60.325
70.61
20ESB1,
20VSB1
3.85
2.07
1.31
2.938
3.35
97.79
52.58
33.27
74.625
85.09
20ESB6,
20VSB6
4.00
2.07
1.53
2.938
3.35
101.60
52.58
38.86
74.625
85.09
30ESB6,
30VSB6
4.92
2.07
1.53
3.947
4.33
124.97
52.58
38.86 100.254 109.98
Case Dimensions
Typical Dimensions:
Line/Load Terminals (4):
.250 [6.3] with .07 [1.8] Dia. hole
Ground Terminal (1):
.250 [6.3] with .07 x .16 [1.8 x 3.8] slot
Mounting Holes (2):
.188 [4.75] Dia.
Typical Dimensions:
Terminals (5):
8-32, Torque 18 lbf-in. [2.03 N-m] max. ± 2 [.22]
Mounting Holes (2):
.188 [4.75] Dia.


Número de pieza similar - 6VSB1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
6VS MSYSTEM-6VS Datasheet
101Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS-U1 MSYSTEM-6VS-U1 Datasheet
101Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS-U2 MSYSTEM-6VS-U2 Datasheet
101Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
6VS-U3 MSYSTEM-6VS-U3 Datasheet
101Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
Tyco Electronics
6VS1 MACOM-6VS1 Datasheet
213Kb / 3P
   Multipurpose Power Line RFI Filter for Emission Control
More results

Descripción similar - 6VSB1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1VDK1 MACOM-1VDK1 Datasheet
273Kb / 2P
   Enhanced Performance K Series RFI Power Line Filters
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
1VDK1 MACOM-1VDK1_11 Datasheet
176Kb / 3P
   Enhanced Differential Mode Performance K Series RFI Line Filters
3VSK1 MACOM-3VSK1_11 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
TE Connectivity Ltd
3VSK1 TEC-3VSK1 Datasheet
257Kb / 5P
   High Performance K Series RFI Line Filters for SMPS Emission Control
logo
Tyco Electronics
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com