Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1910 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LB1910
Descripción Electrónicos  FDD Spindle Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1910 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1910 Datasheet HTML 1Page - Sanyo Semicon Device LB1910 Datasheet HTML 2Page - Sanyo Semicon Device LB1910 Datasheet HTML 3Page - Sanyo Semicon Device LB1910 Datasheet HTML 4Page - Sanyo Semicon Device LB1910 Datasheet HTML 5Page - Sanyo Semicon Device LB1910 Datasheet HTML 6Page - Sanyo Semicon Device LB1910 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The LB1910 is a 3-phase disc drive motor driver that is
optimal for use as a 3.5-inch FDD spindle motor driver.
Functions and Features
• Three-phase full-wave linear driver
• Digital speed control circuit
• Start and stop circuits (active low)
• RPM switching
H: 300 rpm
L: 360 rpm
• Current limiter circuit
• Built-in index comparator
• Thermal shutdown circuit
Package Dimensions
unit: mm
3222-HSOP28
Monolithic Digital IC
43096HA (OT) No. 5383-1/7
SANYO: HSOP28
[LB1910]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
FDD Spindle Motor Driver
LB1910
Ordering number : EN5383
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Maximum output current
IO max1
t
≤ 0.5 s
1.0
A
Maximum steady-state output current
IO max2
0.7
A
Allowable power dissipation
Pd max
Independent IC
0.5
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
4.2 to 6.5
V
Allowable Operating Ranges at Ta = 25°C


Número de pieza similar - LB1910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LB191 SEOUL-LB191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB191 SEOUL-LB191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LB1910

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
   FDD Spindle Motor Driver
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
   FDD Spindle Motor Driver
logo
Rohm
BA6486FS ROHM-BA6486FS Datasheet
173Kb / 11P
   FDD spindle motor driver
BA6492BFS ROHM-BA6492BFS Datasheet
187Kb / 13P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
   FDD Spindle Motor Driver
logo
Toshiba Semiconductor
TA8463F TOSHIBA-TA8463F Datasheet
376Kb / 11P
   SINGLE CHIP 3 PHASE MOTOR DRIVER FOR FDD SPINDLE MOTOR
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com