Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25Q64 Datasheet(PDF) 3 Page - FIDELIX

No. de pieza FM25Q64
Descripción Electrónicos  64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FIDELIX [FIDELIX]
Página de inicio  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q64 Datasheet(HTML) 3 Page - FIDELIX

  FM25Q64 Datasheet HTML 1Page - FIDELIX FM25Q64 Datasheet HTML 2Page - FIDELIX FM25Q64 Datasheet HTML 3Page - FIDELIX FM25Q64 Datasheet HTML 4Page - FIDELIX FM25Q64 Datasheet HTML 5Page - FIDELIX FM25Q64 Datasheet HTML 6Page - FIDELIX FM25Q64 Datasheet HTML 7Page - FIDELIX FM25Q64 Datasheet HTML 8Page - FIDELIX FM25Q64 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
preliminary(Aug.18.2010)
3
FM25Q64
Table of Contents
1.
GENERAL DESCRIPTION................................................................................................................5
2.
FEATURES........................................................................................................................................5
3.
PIN CONFIGURATION 8-Pin SOIC 150-MIL/208-MIL......................................................................6
4.
PAD CONFIGURATION 8-Contact WSON 6X5-MM.........................................................................6
5.
PIN CONFIGURATION PDIP 300-MIL
.
...........................6
6.
PIN DESCRIPTION SOIC 208-MIL , PDIP 300-MIL and WSON 6X5 MM
......................7
7.
PIN CONFIGURATION 8-Pin SOIC 300-MIL....................................................................................7
8.
PIN DESCRIPTION SOIC 300-MIL
................................................................................................8
8.1
Package Type.................................................................................................................9
8.2
Chip Select (/CS)............................................................................................................9
8.3
Serial Data Input / Output(DI, DO and IO0, IO1, IO2, IO3)...............................................9
8.4
Write Protect (/WP).........................................................................................................9
8.5
HOLD (/HOLD).............................................................................................................. 9
8.6
Serial Clock (CLK)..........................................................................................................9
9.
BLOCK DIAGRAM...........................................................................................................................10
10.
FUNCTION DESCRIPTION.............................................................................................................11
10.1
SPI OPERTATIONS.......................................................................................................11
10.1.1
Standard SPI Instructions...............................................................................11
10.1.2
Dual SPI Instructions......................................................................................11
10.1.3
Quad SPI Instructions.....................................................................................11
10.1.4
Hold Function.................................................................................................11
10.2
WRITE PROTECTION...................................................................................................12
10.2.1
Write Protect Features
................................................................................12
11.
CONTROL AND STATUS REGISTERS
...........................................................................13
11.1
STATUS REGISTER.....................................................................................................13
11.1.1
BUSY..............................................................................................................13
11.1.2
Write Enable Latch (WEL)..............................................................................13
11.1.3
Block Protect Bits (BP2, BP1, BP0)................................................................13
11.1.4
Top/Bottom Block Protect (TB).......................................................................13
11.1.5
Sector/Block Protect (SEC)............................................................................13
11.1.6
Status Register Protect (SRP1, SRP0)..........................................................14
11.1.7
Erase/Program Suspend Status (SUS)
..
14
11.1.8
Quad Enable (QE)
..........................................................14
11.1.9
Status Register Memory Protection..............................................................16
11.2
INSTRUCTIONS........................................................................................................... 17
11.2.1
Manufacturer and Device Identification......................................................... 17
11.2.2
Instruction Set Table1................................................................................... 18
11.2.3
Instruction Set Table2(Read Instructions)................................................... 19
11.2.4
Write Enable (06h)
.
.
..
. 20
11.2.5
Write Enable for Volatile Status Register (50h)
..
.20
11.2.6
Write Disable (04h)
.
.................. 21
11.2.7
Read Status Register-1(05h) and Read Status Register-2 (35h)...
........ 21
11.2.8
Write Status Register (01h)
..................... 22


Número de pieza similar - FM25Q64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Descripción similar - FM25Q64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com