Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC11014-241 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC11014-241
Descripción Electrónicos  Computer Image Signal Processing Full-Color Gray-Scale Processor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC11014-241 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC11014-241 Datasheet HTML 1Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 2Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 3Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 4Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 5Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 6Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 7Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 8Page - Sanyo Semicon Device LC11014-241 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LC11014-241
No. 5578—5/13
SRD0 [7:0]
86 to 89, 92 to 95
I
Input pins for red, green and blue gray-scale data. SRD07, SRD17, SGD07, SGD17, SBD07, SBD17 are
the MSBs. SRD00, SRD10, SGD00, SGD10, SBD00, SBD10 are the LSBs. Input data 00H corresponds
to minimum brightness, and FFH to maximum brightness. Note that correct gray-scale display does not
occur when an input is set to either the minimum or maximum. If 2-pixel data is set on both S
×D0 and
S
×D1, the display data on S×D0 is displayed first. In input/output modes 1 and 2, inputs SRD1[0:7],
SGD1[0:7] and SBD1[0:7] should be tied high or low.
SRD1 [7:0]
96 to 99, 101 to 104
I
SGD0 [7:0]
105 to 107,
110 to 114
I
SGD1 [7:0]
115 to 117,
119 to 123
I
SBD0 [7:0]
124, 125, 128 to 133
I
SBD1 [7:0]
134, 136 to 142
I
SHSYNC
79
I
Horizontal and vertical synchronization signal inputs. These are the sources for the HSYNC and VSYNC
signals. They are also used to control data processing. Active-low signals.
SVSYNC
80
I
SHDEN
78
I
Horizontal data valid-period signal input. Set this pin high during periods when the horizontal data is
valid. If this signal is not used, tie it high and set the input data to 0 during the horizontal blanking period.
SCTL
83
I
LCD control signal input. Input control signal that must be matched to the data signal timing. This is the
source for the CTL signal. If the CTL signal is not used, there is no internal signal processing of this input
and hence there is no need to input the SCTL signal.
CLKSEL
8
I
CLKSEL is the dot clock output select pin. It is used to select the output mode of the dot clock signal
output pin.
In input/output modes 0 and 2: When CLKSEL is low, a signal with the opposite phase from SCLK is
output from CLK. When CLKSEL is high, a signal with the same phase as SCLK is output from CLKB.
In input/output mode 1: When CLKSEL is low, a signal with half the frequency of SCLK is output from
CLK. When CLKSEL is high, a signal with the opposite phase from CLK is output from CLKB.
CLK
66
O
CLKB
69
O
RD0 [0:5]
52 to 53, 56 to 59
O
Red, green and blue gray-scale data output pins. RD05, RD15, GD05, GD15, BD05, BD15 are the
MSBs. RD00, RD10, GD00, GD10, BD00, BD10 are the LSBs. If a 2-pixel data set is on
×D0 and ×D1,
the data on
×D0 is displayed first. In input/output modes 1 and 2, outputs RD1[0:5], GD1[0:5] and
BD1[0:5] are low.
In 3-bit data output mode: RD03, RD13, GD03, GD13, BD03, BD13 are the LSBs. RD0[2:0], RD1[2:0],
GD0[2:0], GD1[2:0], BD0[2:0], BD1[2:0] are low.
In 4-bit data output mode: RD02, RD12, GD02, GD12, BD02, BD12 are the LSBs. RD0[1:0], RD1[1:0],
GD0[1:0], GD1[1:0], BD0[1:0], BD1[1:0] are low.
In 3-bit data output mode: RD01, RD11, GD01, GD11, BD01, BD11 are the LSBs. RD0[0], RD1[0],
GD0[0], GD1[0], BD0[0], BD1[0] are low.
RD1 [0:5]
44 to 47, 50, 51
O
GD0 [0:5]
34, 35, 38 to 41
O
GD1 [0:5]
26 to 28, 31 to 33
O
BD0 [0:5]
17, 20 to 23, 25
O
BD1 [0:5]
10, 11, 13 to 16
O
HSYNC
62
O
Vertical and horizontal synchronization signal outputs. To match the data signal timing, these outputs are
delayed with respect to their input signals. In input/output mode 0, they are delayed by 8 SCLK cycles,
and in input/output modes 1 and 2, they are delayed by 16 SCLK cycles. When PWRSV is high, these
signals are output without being latched internally.
VSYNC
63
O
HDEN
64
O
Horizontal data valid-period signal output.To match the data signal timing, this output is delayed with
respect to the input signal. In input/output mode 0, they are delayed by 8 SCLK cycles, and in
input/output modes 1 and 2, they are delayed by 16 SCLK cycles. When PWRSV is high, this signal is
output without being latched internally.
CTL
70
O
LCD control signal output. To match the data signal timing, this output is delayed with respect to the
SCTL input signal. In input/output mode 0, they are delayed by 8 SCLK cycles, and in input/output modes
1 and 2, they are delayed by 16 SCLK cycles. When PWRSV is high, this signal is output without being
latched internally.
PWRSV
84
I
Power-save control input. When this input goes high, the internal clock stops and the LSI enters power-
save mode. Output data are held high. VSYNC, HSYNC, HDEN and CTL control signals, and either CLK
or CLKB are output without being latched internally. Tie low or leave open for normal operation.
BYPASS
85
I
Gray-scale processing bypass pin. When high, the input signals are latched and output without change.
When a high-level input on this pin is sampled on the falling edge of SCLK: in input/output mode 0, output
is delayed by 8 SCLK cycles, and in input/output modes 1 and 2, output is delayed by 16 SCLK cycles.
TEST [0:3]
4 to 7
I
Test pins [0:3]; left open for normal operation
NC
71
Must be left open.
Symbol
Pin No.
I/O
Function


Número de pieza similar - LC11014-241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC11011-141 SANYO-LC11011-141 Datasheet
148Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11012-141 SANYO-LC11012-141 Datasheet
171Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
More results

Descripción similar - LC11014-241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC11011-141 SANYO-LC11011-141 Datasheet
148Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11012-141 SANYO-LC11012-141 Datasheet
171Kb / 7P
   Computer Image Signal Processing Full-Color Gray-Scale Processor
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
   CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
   CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
HV7161SPA2 ETC-HV7161SPA2 Datasheet
1Mb / 72P
   CMOS Image Sensor with Image Signal Processing
logo
STMicroelectronics
IMSA110 STMICROELECTRONICS-IMSA110 Datasheet
354Kb / 26P
   IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
logo
Sanyo Semicon Device
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
   VCR IMAGE I/O SIGNAL PROCESSING
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
   CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com