Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1650CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SB1650CT
Descripción Electrónicos  ISOLATION SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1650CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1650CT Datasheet HTML 1Page - Pan Jit International Inc. SB1650CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-APR.27.2009
2
SB1620CT~SB1660CT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
ISOLATION SCHOTTKY BARRIER RECTIFIERS
.058(1.47)
.042(1.07)
VOLTAGE
20 to 60 Volts
16 Amperes
CURRENT
MECHANICALDATA
• Case: TO-220AB molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
0
2
6
1
B
ST
C
0
3
6
1
B
ST
C
0
4
6
1
B
ST
C
5
4
6
1
B
ST
C
0
5
6
1
B
ST
C
0
6
6
1
B
S
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
20
30
45
40
50
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
4
11
28
25
.
1
35
32
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
20
30
45
40
50
6V
h
t
g
n
e
l
d
a
e
l
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
ac
5
7
=
O C
I
(
F)
V
A
6
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1A
g
e
l
r
e
p
A
0
.
8
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
5
5
.
05
7
.
0V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
RT
J
0
0
1
=
O C
I
R
2
.
0
0
0
1
1
.
0
0
0
1
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
C
J
0
.
2
O
/
C
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
5
2
1
+
o
t
5
5
-0
5
1
+
o
t
5
5
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
+
o
t
5
5
-
O C
NOTES:
Both Bonding and Chip structure are available.


Número de pieza similar - SB1650CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB1650CT PANJIT-SB1650CT Datasheet
57Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
SB1650CT WTE-SB1650CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1650CT WTE-SB1650CT Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB1650CT PACELEADER-SB1650CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB1650CT GULFSEMI-SB1650CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
More results

Descripción similar - SB1650CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
SB1620F TRSYS-SB1620F Datasheet
148Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB620FCT PANJIT-SB620FCT_04 Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB2520FCT PANJIT-SB2520FCT_04 Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_09 Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_16 Datasheet
288Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_12 Datasheet
291Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_04 Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB820FCT PANJIT-SB820FCT_05 Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
MBR1640FCT PANJIT-MBR1640FCT Datasheet
93Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_09 Datasheet
91Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com