Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS1040HEWS Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SS1040HEWS
Descripción Electrónicos  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HEWS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SS1040HEWS Datasheet HTML 1Page - Pan Jit International Inc. SS1040HEWS Datasheet HTML 2Page - Pan Jit International Inc. SS1040HEWS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
October 06,2010-REV.00
SS1040HEWS
SCHOTTKY BARRIER DIODE
ELECTRICAL CHARACTERISTICS (TA=25oC)
0.032(0.80)
0.015(0.40)
0.061(1.55)
0.045(1.15)
0.107(2.70)
0.090(2.30)
0.077(1.95)
0.068(1.75)
0.030(0.75)
0.021(0.55)
0.004(0.10)
MAX.
SOD-323HE
Unit: inch (mm)
ABSOLUTE MAXIMUM RATINGS (TA=25oC)
Note : Mounted on P.C Board with (15mmx50mm) copper pad areas.
PA RA M E TE R
S YM B O L
TE S T C ON D ITIO NS
M IN.
TYP.
M A X .
UNITS
F o r w ar d Vo lt age
V F 1I F= 0 . 7 A
-
0.48
0.52
V
V F2I F= 1 . 0 A
-
0.53
-
V
Re ve rs e C urr e nt
I R1V R=5 V
-
0 .5
-
μA
I R2V R= 4 0V
-
3 .0
100
μA
The r m a l Re si sta nce (No te )
Rθ
JA
J unc t i on t o A m bi ent
-
-
220
o C/ W
Rθ
JL
J unc t i on t o Lead
-
-
50
o C/ W
PARAMETER
SYMBOL
LIMITS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum Average Rectified Forward Current
I O
1.0
A
Peak Forward Surge Current
(Half Sine Wave , 1 cycle , non-repetitive )
I FSM
22
A
Operating Junciton Temperature Range
TJW
-40 to +150
OC
Storage Temperature Range
TSTG
-40 to +150
OC
1
2
Cathode
Anode
FEATURES
• SOD-323HE low profile package
• Low forward voltage drop, low reverse current
• High Efficiency
• In compliance with EU RoHS 2002/95/EC directives and with Halogen
Free
APPLICATIONS
• Low voltage high frequency inverters
• DC/DC converters
• Polarity protection
• Freewheeling
• Marking : EV


Número de pieza similar - SS1040HEWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SS1040HEWS-AU PANJIT-SS1040HEWS-AU Datasheet
98Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1040HEWS PANJIT-SS1040HEWS_16 Datasheet
220Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1040HEWS_R1_00001 PANJIT-SS1040HEWS_R1_00001 Datasheet
220Kb / 5P
   SCHOTTKY BARRIER DIODE
SS1040HEWS_R2_00001 PANJIT-SS1040HEWS_R2_00001 Datasheet
220Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Descripción similar - SS1040HEWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com