Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YSF-272 Datasheet(PDF) 3 Page - Mini-Circuits

No. de pieza YSF-272
Descripción Electrónicos  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-272 Datasheet(HTML) 3 Page - Mini-Circuits

  YSF-272 Datasheet HTML 1Page - Mini-Circuits YSF-272 Datasheet HTML 2Page - Mini-Circuits YSF-272 Datasheet HTML 3Page - Mini-Circuits YSF-272 Datasheet HTML 4Page - Mini-Circuits YSF-272 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 3
Flat Gain Amplifier
Electrical Specifications(1) at 25°C, Zo=50
Ω unless noted
YSF-272+
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
2300
2700
MHz
Gain
2300
17.6
19.5
21.5
dB
2500
17.1
19.0
21.5
2700
16.2
18.0
20.5
Gain Flatness
0.7
±dB
Input Return Loss
2300
12.6
dB
2500
10.0
15.0
2700
18.0
Output Return Loss
2300
20.0
dB
2500
12.0
17.0
2700
14.0
Reverse Isolation
30.0
dB
Output Power @1 dB compression
2300
20.0
dBm
2500
18.0
20.0
2700
20.0
Output Power @3 dB compression
21.0
dBm
Output IP3
2300
34.0
dBm
2500
30.0
35.0
2700
35.0
Noise Figure
2300
2.5
dB
2500
2.5
3.5
2700
2.5
Device Operating Voltage
5
V
Device Operating Current
118
145
mA
Device Current Variation vs. Temperature(2)
2
µA/°C
Device Current Variation vs Voltage
0.002
mA/mV
Thermal Resistance, junction-to-ground lead(3)
56
°C/W
Absolute Maximum Ratings
Parameter
Ratings
Units
Operating Temperature(4)
-40 to 85
°C
Storage Temperature
-65 to 150
°C
DC Voltage on Pad 4
7
V
Power Dissipation
1.5
W
Input Power
21
dBm
Note: Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
(4)
Case is defined as ground paddle.
(1)
Measured on Mini-Circuits Characterization test board TB-589+. See Characterization Test Circuit (Fig. 1)
(2)
D(+85°C to -45°C)
(3)
Thermal Resistance= Hot spot temperature - Ground lead temperature
Power Dissipation
DC Current Histogram
DC Current (mA)
USL
USL=Upper Spec Limit


Número de pieza similar - YSF-272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151++ MINI-YSF-2151+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232++ MINI-YSF-232+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

Descripción similar - YSF-272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
YSF-122 MINI-YSF-122 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com