Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA208X-800B Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BTA208X-800B
Descripción Electrónicos  3Q Hi-Com Triac High voltage capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-800B Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA208X-800B Datasheet HTML 1Page - NXP Semiconductors BTA208X-800B Datasheet HTML 2Page - NXP Semiconductors BTA208X-800B Datasheet HTML 3Page - NXP Semiconductors BTA208X-800B Datasheet HTML 4Page - NXP Semiconductors BTA208X-800B Datasheet HTML 5Page - NXP Semiconductors BTA208X-800B Datasheet HTML 6Page - NXP Semiconductors BTA208X-800B Datasheet HTML 7Page - NXP Semiconductors BTA208X-800B Datasheet HTML 8Page - NXP Semiconductors BTA208X-800B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Planar passivated high commutation three quadrant triac in a SOT186A "full pack" plastic
package intended for use in circuits where high static and dynamic dV/dt and high dI/dt
can occur. This "series B" triac will commutate the full rated RMS current at the maximum
rated junction temperature without the aid of a snubber.
1.2 Features and benefits
3Q technology for improved noise
immunity
High commutation capability with
maximum false trigger immunity
High immunity to false turn-on by dV/dt
High voltage capability
Isolated mounting base package
Planar passivated for voltage
ruggedness and reliability
Triggering in three quadrants only
1.3 Applications
Electronic thermostats
General purpose motor controls
Rectifier-fed DC inductive loads e.g.
DC motors and solenoids
1.4 Quick reference data
BTA208X-800B
3Q Hi-Com Triac
Rev. 03 — 3 February 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
--800
V
ITSM
non-repetitive
peak on-state
current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4;
see Figure 5
--65
A
IT(RMS)
RMS on-state
current
full sine wave; Th ≤ 73 °C;
see Figure 3; see Figure 1;
see Figure 2
--8
A
Static characteristics
IGT
gate trigger
current
VD =12 V; IT = 0.1 A; T2+ G+;
Tj =25°C; see Figure 7
2
1850mA
VD =12 V; IT = 0.1 A; T2+ G-;
Tj =25°C; see Figure 7
2
2150mA
VD =12 V; IT = 0.1 A; T2- G-;
Tj =25°C; see Figure 7
2
3450mA


Número de pieza similar - BTA208X-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA208X-800B PHILIPS-BTA208X-800B Datasheet
50Kb / 6P
   Three quadrant triacs high commutation
October 1999
BTA208X-800B PHILIPS-BTA208X-800B Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208X-800B WEEN-BTA208X-800B Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-800B ISC-BTA208X-800B Datasheet
217Kb / 1P
   isc Triacs
More results

Descripción similar - BTA208X-800B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com