Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC651104F Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC651104F
Descripción Electrónicos  On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651104F Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC651104F Datasheet HTML 5Page - Sanyo Semicon Device LC651104F Datasheet HTML 6Page - Sanyo Semicon Device LC651104F Datasheet HTML 7Page - Sanyo Semicon Device LC651104F Datasheet HTML 8Page - Sanyo Semicon Device LC651104F Datasheet HTML 9Page - Sanyo Semicon Device LC651104F Datasheet HTML 10Page - Sanyo Semicon Device LC651104F Datasheet HTML 11Page - Sanyo Semicon Device LC651104F Datasheet HTML 12Page - Sanyo Semicon Device LC651104F Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
No. 5221-9/19
LC65E1104
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
Output voltage
VO
OSC2
Allowable up to the
V
generated voltage
Input voltage
VI1
OSC1*1
–0.3 to VDD + 0.3
V
VI2
TEST, RES, AV+, AV–
–0.3 to VDD + 0.3
V
Input/output voltage
VIO1
PC0 to PC3, PD0 to PD3, PE0, PE1, PF0 to PF3
–0.3 to +15
V
VIO2
PA0 to PA3, PG0 to PG3
–0.3 to VDD + 0.3
V
Peak output current
IOP
I/O port
–2 to +20
mA
IOA
I/O port: Per pin over a 100 ms period
–2 to +20
mA
ΣIOA1
PC0 to PC3, PD0 to PD3, PE0, PE1:Total current for
–15 to +100
mA
Average output current
PC0 to PC3, PD0 to PD3, and PE0, PE1*2
ΣIOA2
PF0 to PF3, PG0 to PG3, PA0 to PA3: Total current for
–15 to +100
mA
PF0 to PF3, PG0 to PG3, and PA0 to PA3*2
Allowable power dissipation
Pd max1
Ta = +10 to +40°C (DIC package)
250
mW
Pd max2
Ta = +10 to +40°C (MFC package)
150
mW
Operating temperature
Topr
+10 to +40
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
For LC651104N, 651102N
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply voltage
VDD
VDD
3.0
6.0
V
Standby supply voltage
VST
VDD: RAM, register hold*3
1.8
6.0
V
VIH1
Port C, D, E, F: Output Nch Tr. off
0.7 VDD
+13.5
V
VIH2
Port A, G: Output Nch Tr. off
0.7 VDD
VDD
V
High level input voltage
VIH3
INT, SCK, SI: Output Nch Tr. off
0.8 VDD
+13.5
V
VIH4
RES: VDD = 1.8 to 6 V
0.8 VDD
VDD
V
VIH5
OSC1: External clock mode
0.8 VDD
VDD
V
VIL1
Port: Output Nch Tr. off, VDD = 4 to 6 V
VSS
0.3 VDD
V
VIL2
Port: Output Nch Tr. off, VDD = 3 to 6 V
VSS
0.25 VDD
V
VIL3
INT, SCK, SI: Output Nch Tr. off, VDD = 4 to 6 V
VSS
0.25 VDD
V
VIL4
INT, SCK, SI: Output Nch Tr. off, VDD = 3 to 6 V
VSS
0.2 VDD
V
Low level input voltage
VIL5
OSC1: External clock mode, VDD = 4 to 6 V
VSS
0.25 VDD
V
VIL6
OSC1: External clock mode, VDD = 3 to 6 V
VSS
0.2 VDD
V
VIL7
TEST: VDD = 4 to 6 V
VSS
0.3 VDD
V
VIL8
TEST: VDD = 3 to 6 V
VSS
0.25 VDD
V
VIL9
RES: VDD = 4 to 6 V
VSS
0.25 VDD
V
VIL10
RES: VDD = 3 to 6 V
VSS
0.2 VDD
V
Operating frequency
fop
When the 1/3 or 1/4 predivider option is selected,
200
1444
kHz
(cycle time)
(Tcyc)
clock must not exceed 4.33 MHz. VDD = 3 to 6 V
(20)
(2.77)
(µs)
[External clock conditions]
Frequency
text
OSC1: Fig 1, when clock exceeds 1.444 MHz,
200
4330
kHz
Pulse width
textH, textL
the 1/3 or 1/4 predivider option must be selected.
69
ns
Rise/fall time
textR, textF
VDD = 3 to 6 V
50
ns
[Oscillator guaranteed constants]
Cext
OSC1, OSC2: Fig 2, VDD = 3 to 6 V
270 ± 5%
pF
2-pin RC oscillator
Cext
OSC1, OSC2: Fig 2, VDD = 4 to 6 V
270 ± 5%
pF
Rext
OSC1, OSC2: Fig 2, VDD = 3 to 6 V
12 ± 1%
k
Rext
OSC1, OSC2: Fig 2, VDD = 4 to 6 V
4.7 ± 1%
k
Ceramic
Fig 3
Table 1
Allowable Operating Conditions at Ta = +10 to +40°C, VSS = 0 V, VDD = 3.0 to 6.0 V


Número de pieza similar - LC651104F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC651104F SANYO-LC651104F Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651104F SANYO-LC651104F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Descripción similar - LC651104F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com