Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC66306A Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LC66306A
Descripción Electrónicos  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66306A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC66306A Datasheet HTML 3Page - Sanyo Semicon Device LC66306A Datasheet HTML 4Page - Sanyo Semicon Device LC66306A Datasheet HTML 5Page - Sanyo Semicon Device LC66306A Datasheet HTML 6Page - Sanyo Semicon Device LC66306A Datasheet HTML 7Page - Sanyo Semicon Device LC66306A Datasheet HTML 8Page - Sanyo Semicon Device LC66306A Datasheet HTML 9Page - Sanyo Semicon Device LC66306A Datasheet HTML 10Page - Sanyo Semicon Device LC66306A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
No. 5487-7/27
LC66P2316
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P50/A11
P51/A12
P52/A13
P53/INT2/TA
P60/ML
P61
P62/DT
P63/PIN1
PC2/CE
PC3/DASEC
PD0/INV2I
PD1/INV2O
PD2/INV3I
PD3/INV3O
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• Input or output in 8-bit units when used
in conjunction with P40 to P43.
• Can be used for output of 8-bit ROM
data when used in conjunction with
P40 to P43.
• P53 is also used as the INT2 interrupt
request.
• Used as address pins in EPROM mode
I/O ports P60 to P63
• Input or output in 4-bit or 1-bit units
• P60 is also used as the melody output
ML pin.
• P62 is also used as the tone output DT
pin.
• P63 is also used for the event count
input to timer 1.
I/O ports PC2 to PC3
• Output in 2-bit or 1-bit units
• PC3 is also used as the control CE and
DASEC pin in EPROM mode.
Dedicated input ports PD0 to PD3
Dedicated inverter circuits (option)
I/O
I/O
I
I
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• When the inverter circuit
option is selected.
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
CMOS or Nch OD
output
CMOS or Nch OD
output
Inverter circuits
High or low
(option)
H
H
Normal
input
Inverter I/O
goes to the
output off
state.
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Port output
off
Hold mode:
Inverter
Output off
Halt mode:
Port output
retained
Halt mode:
Inverter
output
continues
Halt mode:
Output
retained
Halt mode:
Output
retained
PE0
PE1
OSC1
OSC2
RES/VPP/
OE
TEST/
EPMOD
VDD
VSS
Dedicated input ports
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
• When the P33/HOLD pin is at the high
level, a low level input to the RES pin
will initialize the CPU.
• This pin is also used as the VPP/OE
pin in EPROM mode.
CPU test pin
This pin must be connected to VSS
during normal operation. Setting this pin
to +12 V switches the LC66P2316 to
EPROM mode.
Power supply pins
I
I
O
I
I
Ceramic oscillator
or external clock
selection
Option
selection
Hold mode:
input
disabled
Hold mode:
oscillator
stops
Halt mode:
inputs
accepted
Halt mode:
oscillator
continues


Número de pieza similar - LC66306A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC66306A SANYO-LC66306A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66306A SANYO-LC66306A Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66306A SANYO-LC66306A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66306A SANYO-LC66306A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66306A SANYO-LC66306A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Descripción similar - LC66306A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com