Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM840001KA Datasheet(PDF) 1 Page - Micrel Semiconductor

No. de pieza SM840001KA
Descripción Electrónicos  106.25MHz Ultra-Low Jitter Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840001KA Datasheet(HTML) 1 Page - Micrel Semiconductor

  SM840001KA Datasheet HTML 1Page - Micrel Semiconductor SM840001KA Datasheet HTML 2Page - Micrel Semiconductor SM840001KA Datasheet HTML 3Page - Micrel Semiconductor SM840001KA Datasheet HTML 4Page - Micrel Semiconductor SM840001KA Datasheet HTML 5Page - Micrel Semiconductor SM840001KA Datasheet HTML 6Page - Micrel Semiconductor SM840001KA Datasheet HTML 7Page - Micrel Semiconductor SM840001KA Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM840001
106.25MHz Ultra-Low Jitter Clock
Synthesizer
RotaryWave is a trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2010
M9999-031810-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM840001 synthesizer series were designed for Fibre
Channel applications. The device design is optimized for
106.25MHz
or
212.5MHz
using
a
26.5625MHz
fundamental parallel resonant crystal, with stability and
accuracy over the full operating range. The SM840001
includes a unique power reduction methodology, along
with a patented RotaryWave
TM architecture, that provides
a stable clock with very low noise for optimized
performance. This yields an overall improved Bit Error
Rate (BER) and improved waveform integrity.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates a single LVCMOS/LVTTL output
• Integrated loop filter components
• RMS Phase Jitter:
- 510 fs (typ) at 106.25MHz
- 320 fs (typ) at 212.50MHz
• Operates with either a 3.3V or 2.5V supply
• Power consumption is <77mA @ 3.3 V
• Fundamental crystal oscillator interface
• Input frequency of 26.5625 MHz parallel resonant
• Selectable output frequency: 106.25MHz or 212.5MHz
• Temperature range: –40°C to +75°C
• Available in 8-pin TSSOP package
Applications
• Fibre Channel
• Storage
___________________________________________________________________________________________________________
Block Diagram


Número de pieza similar - SM840001KA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KATR MICREL-SM840002KATR Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

Descripción similar - SM840001KA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com