Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72133V Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC72133V
Descripción Electrónicos  PLL Frequency Synthesizer for Electronic Tuning?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72133V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72133V Datasheet HTML 1Page - Sanyo Semicon Device LC72133V Datasheet HTML 2Page - Sanyo Semicon Device LC72133V Datasheet HTML 3Page - Sanyo Semicon Device LC72133V Datasheet HTML 4Page - Sanyo Semicon Device LC72133V Datasheet HTML 5Page - Sanyo Semicon Device LC72133V Datasheet HTML 6Page - Sanyo Semicon Device LC72133V Datasheet HTML 7Page - Sanyo Semicon Device LC72133V Datasheet HTML 8Page - Sanyo Semicon Device LC72133V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CMOS LSI
Ordering number : EN5427A
22897HA (OT)/63196HA (OT) No. 5427-1/22
LC72133M, 72133V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
PLL Frequency Synthesizer for
Electronic Tuning
Overview
The LC72133M and LC72133V are a phase-locked loop
frequency synthesizer LSI circuits for use in radio tuners.
It supports low-voltage (2.7 to 3.6 V) operation and can
implement high-performance AM/FM tuners easily.
Functions
• High speed programmable dividers
— FMIN: 10 to 120 MHz ..........pulse swallower
(built-in divide-by-two prescaler), VDD ≥ 2.7 V
10 to 130 MHz ..........pulse swallower
(built-in divide-by-two prescaler), VDD ≥ 3.0 V
— AMIN: 2 to 40 MHz ..............pulse swallower
0.5 to 10 MHz ...........direct division
• IF counter
— IFIN:
0.4 to 12 MHz ...........AM/FM IF counter
• Reference frequencies
— Twelve selectable frequencies
(4.5 or 7.2 MHz crystal)
1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50 and 100 kHz
• Phase comparator
— Dead zone control
— Unlock detection circuit
— Deadlock clear circuit
• Built-in MOS transistor for forming an active low-pass
filter
• I/O ports
— Dedicated output ports: 4
— Input or output ports: 2
— Support clock time base output
• Serial data I/O
— Support CCB format communication with the
system controller.
• Operating ranges
— Supply voltage........................2.7 to 3.6 V
— Operating temperature............–20 to +70°C
• Package
MFP20
SSOP20
Package Dimensions
unit: mm
3036B-MFP20
unit: mm
3179A-SSOP20
SANYO: MFP20
[LC72133M]
SANYO: SSOP20
[LC72133V]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Número de pieza similar - LC72133V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Descripción similar - LC72133V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com