Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72191JM Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC72191JM
Descripción Electrónicos  PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72191JM Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72191JM Datasheet HTML 7Page - Sanyo Semicon Device LC72191JM Datasheet HTML 8Page - Sanyo Semicon Device LC72191JM Datasheet HTML 9Page - Sanyo Semicon Device LC72191JM Datasheet HTML 10Page - Sanyo Semicon Device LC72191JM Datasheet HTML 11Page - Sanyo Semicon Device LC72191JM Datasheet HTML 12Page - Sanyo Semicon Device LC72191JM Datasheet HTML 13Page - Sanyo Semicon Device LC72191JM Datasheet HTML 14Page - Sanyo Semicon Device LC72191JM Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2. In serial data output mode (mode 3), t1 ≥ 1.5 µs, t2 ≥ 0 µs, t3 ≥ 1.5 µs, and t5 < 1.5 µs. (However, note that since the
DO pin is an n-channel open drain output, the transition time depends on the value of the pull-up resistor.)
• Mode 3: Serial output mode (mode 3) is selected by the four bits of mode selection data.
When the CE pin goes high, IO is output from the DO pin. After that, the internal shift register is shifted
and the next bit is output from the DO pin on each falling edge of the CL signal.
(Thus 27 clock cycles are required to output all data through the UL0 bit after CE goes high.)
When this mode is selected, at the point the CE pin falls to the low level, the DO pin will be forcibly set to
the high level. The DO pin will go low if the IN0 pin input changes state or if a general-purpose counter
measurement completes.
(General-purpose counter completion takes precedence over changes in the IN0 pin signal.)
Structure of the Programmable Divider
Note: 1. The actual divisor will be twice the set value when FMIN (A) is used.
For example, if the divisor setting is 1000 the actual divisor will be 2000 and if the divisor setting is 1001 the
actual divisor will be 2002. In other words, the channel skip will be twice the reference frequency.
2. To set the channel skips of 1, 5 and 9 kHz using FMIN (A), the crystal oscillator should be changed to 3.6
MHz. However, the times listed in the table that follows change since they are referenced to the crystal
oscillator frequency.
Note that care must be taken to prevent overtone oscillation when a 3.6 MHz crystal oscillator is used.
No. 3985-11/16
LC72191, 72191M, 72191JM
DV
SP
Input pin
Divisor setting
Actual divisor
Input frequency range (MHz)
(A)
1
*
FMIN
256 to 65536
Twice the set value
10 to 130
(B)
0
1
AMIN
256 to 65536
The set value
2 to 40
(C)
0
0
AMIN
4 to 4096
The set value
0.5 to 10


Número de pieza similar - LC72191JM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC7219M SANYO-LC7219M Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
More results

Descripción similar - LC72191JM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com