Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72322R Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC72322R
Descripción Electrónicos  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72322R Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72322R Datasheet HTML 4Page - Sanyo Semicon Device LC72322R Datasheet HTML 5Page - Sanyo Semicon Device LC72322R Datasheet HTML 6Page - Sanyo Semicon Device LC72322R Datasheet HTML 7Page - Sanyo Semicon Device LC72322R Datasheet HTML 8Page - Sanyo Semicon Device LC72322R Datasheet HTML 9Page - Sanyo Semicon Device LC72322R Datasheet HTML 10Page - Sanyo Semicon Device LC72322R Datasheet HTML 11Page - Sanyo Semicon Device LC72322R Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Continued from preceding page.
No. 5378-8/13
LC72322R, 72323R
Continued on next page.
Pin
Pin No.
Functions
I/O
I/O circuit type
PH0
PH1
PH2/DAC*1
PH3/DAC*2
PI0/S25
PI1/S26
PI2/S27
PI3/S28
S1 to S24
COM1
COM2
FMIN
AMIN
55
56
57
58
26
27
28
29
2 to 25
80
1
71
70
Dedicated output ports
Since these pins are high-breakdown voltage n-channel
transistor open-drain outputs, they can be effectively used for
functions such as band power supply switching.
And, PH2 and PH3 can also be used for DAC1 and DAC2
output ports respectively. (*: DAC is contained in LC72322R
only.)
These ports go to the high impedance state during a reset,
i.e., when the RES pin is low, and in BACKUP mode.
Dedicated output ports
While these pins have a CMOS output circuit structure, they
can be switched to function as LCD drivers. Their function is
switched by the SS and RS instructions. These pins cannot
be switched individually.
The LCD driver function is selected and a segment-off signal
is output when power is first applied or when RES is low.
These pins are held at the low level in BACKUP mode.
Note that when the general-purpose port use option is
specified, these pins output the contents of IPORT when LPC
is 1, and the contents of the general-purpose output port
LATCH when LPC is 0.
LCD driver segment outputs
A frame frequency of 100 Hz and a 1/2 duty, 1/2 bias drive
type are used.
A segment-off signal is output when power is first applied or
when RES is low.
These pins are held at the low level in BACKUP mode.
The use of these pins as general-purpose output ports can be
specified as an option.
LCD driver common outputs
A 1/2 duty, 1/2 bias drive type is used.
The output when power is first applied or when RES is low is
identical to the normal operating mode output.
These pins are held at the low level in BACKUP mode.
FM VCO (local oscillator) input
The input must be capacitor coupled.
The input frequency range is from 10 to 130 MHz.
(Max. 150 MHz)
AM VCO (local oscillator) input
The input must be capacitor coupled
The band supported by this pin can be selected using the PLL
instruction.
High (2 to 40 MHz)
→ SW
Low (0.5 to 10 MHz)
→ LW and MW
Output
Output
Output
Output
Input


Número de pieza similar - LC72322R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72322N SANYO-LC72322N Datasheet
357Kb / 13P
   LC72321N
More results

Descripción similar - LC72322R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com