Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72345W Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC72345W
Descripción Electrónicos  Low-Voltage ETR Controller with On-Chip DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72345W Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72345W Datasheet HTML 5Page - Sanyo Semicon Device LC72345W Datasheet HTML 6Page - Sanyo Semicon Device LC72345W Datasheet HTML 7Page - Sanyo Semicon Device LC72345W Datasheet HTML 8Page - Sanyo Semicon Device LC72345W Datasheet HTML 9Page - Sanyo Semicon Device LC72345W Datasheet HTML 10Page - Sanyo Semicon Device LC72345W Datasheet HTML 11Page - Sanyo Semicon Device LC72345W Datasheet HTML 12Page - Sanyo Semicon Device LC72345W Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LC72344W and LC72345W Instruction Set
Terminology
ADDR
: Program memory address
b
: Borrow
C
: Carry
DH
: Data memory address High (Row address) [2 bits]
DL
: Data memory address Low (Column address) [4 bits]
I
: Immediate data [4 bits]
M
: Data memory address
N
: Bit position [4 bits]
Rn
: Resister number [4 bits]
Pn
: Port number [4 bits]
PW
: Port control word number [4 bits]
r
: General register (One of the address from 00H to 0FH of BANKO)
( ), [ ]
: Contents of register or memory
M (DH, DL) : Data memory specified by DH, DL
No. 6171-11/13
LC72344W, 72345W
Mnemonic
Operand
Function
Operational function
Instruction format
1st
2nd
AD
r
M
Add M to r
r
← (r) + (M)
ADS
r
M
Add M to r, then skip if carry
r
← (r) + (M), skip if carry
AC
r
M
Add M to r with carry
r
← (r) + (M) + C
ACS
r
M
Add M to r with carry,
r
← (r) + (M) + C
then skip if carry
skip if carry
AI
M
I
Add I to M
M
← (M) + I
AIS
M
I
Add I to M, then skip if carry
M
← (M) + I, skip if carry
AIC
M
I
Add I to M with carry
M
← (M) + I + C
AICS
M
I
Add I to M with carry,
M
← (M) + I + C,
then skip if carry
skip if carry
SU
r
M
Subtract M from r
r
← (r) – (M)
SUS
r
M
Subtract M from r,
r
← (r) – (M),
then skip if borrow
skip if borrow
SB
r
M
Subtract M from r with borrow
r
← (r) – (M) – b
SBS
r
M
Subtract M from r with borrow,
r
← (r) – (M) – b,
then skip if borrow
skip if borrow
SI
M
I
Subtract I from M
M
← (M) – I
SIS
M
I
Subract I from M,
M
← (M) – I,
then skip if borrow
skip if borrow
SIB
M
I
Subtract I from M with borrow
M
← (M) – I – b
SIBS
M
I
Subtract I from M with borrow,
M
← (M) – I – b,
then skip if borrow
skip if borrow
f
e
d
c
ba9876543210
010000
DH
DL
r
010001
DH
DL
r
010010
DH
DL
r
010011
DH
DL
r
010100
DH
DL
I
010101
DH
DL
I
010110
DH
DL
I
010111
DH
DL
I
011000
DH
DL
r
011001
DH
DL
r
011010
DH
DL
r
011011
DH
DL
r
011100
DH
DL
I
011101
DH
DL
I
011110
DH
DL
I
011111
DH
DL
I
Continued on next page.


Número de pieza similar - LC72345W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Descripción similar - LC72345W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com