Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72700G Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC72700G
Descripción Electrónicos  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700G Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72700G Datasheet HTML 2Page - Sanyo Semicon Device LC72700G Datasheet HTML 3Page - Sanyo Semicon Device LC72700G Datasheet HTML 4Page - Sanyo Semicon Device LC72700G Datasheet HTML 5Page - Sanyo Semicon Device LC72700G Datasheet HTML 6Page - Sanyo Semicon Device LC72700G Datasheet HTML 7Page - Sanyo Semicon Device LC72700G Datasheet HTML 8Page - Sanyo Semicon Device LC72700G Datasheet HTML 9Page - Sanyo Semicon Device LC72700G Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4. Serial Control Data Input Setting Values
The input data consists of 16 bits (DI0 to DI15) of which the upper 8 bits (DI8 to DI15) are the control address
and the lower 8 bits (DI0 to DI7) are the input data.
Note: 1. The data in address bits DI12 to DI15 is ignored.
2. The value of the data sent to set the protection count must be one less than the desired protection count. In the default example shown above, the
block forward protection count will be 8 and the frame back protection count will be 2. When the value is set to 0, the protection count will be 1.
Since a protection count of 0 is meaningless the LSI ignores this value.
3. The initial threshold value is the initial value used when executing error correction at a variable threshold. There is no need to change this value
unless some special experiment is being performed. The threshold value can be set to a value from 9 to 15 according to a three-bit field. Therefore
a data value of 7 sets the threshold value to 15 and a data value of 1 sets the threshold value to 9.
4. The readout block number is transferred when the skip function is used.
5. Addresses other than those listed above (e.g. 0101) are special addresses unique to this LSI and are for test mode and other functions. These
addresses should not be used.
6. The default values are the values loaded into internal registers when a reset signal (RST) is received. These are recommended values and do not
require modification in normal operation. If the default values are used then there will be no need to implement control microprocessor software
that inputs control data.
No. 4870-6/14
LC72700E, LC72700G
Register
Address
Data
Default setting
DI11
DI10
DI9
DI8
Allowed error count
0
0
0
0
Upper 4 bits
Back allowed errors
2
Lower 4 bits
Forward allowed errors
2
Block error protection count
0
0
0
1
Upper 4 bits
Back protection count
1
Lower 4 bits
Forward protection count
7
Frame error protection count
0
0
1
0
Upper 4 bits
Back protection count
1
Lower 4 bits
Forward protection count
7
Error correction initial
0
0
1
1
Upper 5 bits
threshold value
Lower 3 bits
Initial threshold value
7
Readout (output) block number
0
1
0
0
0 to 189 (8 bits)
0


Número de pieza similar - LC72700G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Descripción similar - LC72700G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com