Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72706 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC72706
Descripción Electrónicos  FM Multiplex Receiver IC Supporting All Worldwide Standards
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72706 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72706 Datasheet HTML 1Page - Sanyo Semicon Device LC72706 Datasheet HTML 2Page - Sanyo Semicon Device LC72706 Datasheet HTML 3Page - Sanyo Semicon Device LC72706 Datasheet HTML 4Page - Sanyo Semicon Device LC72706 Datasheet HTML 5Page - Sanyo Semicon Device LC72706 Datasheet HTML 6Page - Sanyo Semicon Device LC72706 Datasheet HTML 7Page - Sanyo Semicon Device LC72706 Datasheet HTML 8Page - Sanyo Semicon Device LC72706 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
No. 5745-4/15
LC72706E
Pin Functions
Pin No.
Pin Name
Function
I/O
Circuit type
MSK
7
76-kHz MSK signal input (from the LV3400M/03M)
Input
Input
CL
CE
DI
26
27
28
CCB serial interface
Clock input
Data control input
Data input
RST
STNBY
TEST
32
30
44
System reset input (active low)
Standby mode (active high)
Test (Must be connected to ground during normal operation.)
TP0
TP1
TP2
TP3
TP4
TP5
TP6
TP7
TP8
TPC1
TPC2
TOSEL1
TOSEL2
9
12
13
14
15
16
17
18
19
6
8
20
21
Must be connected to either VDD or VSS.
Output
Output
FLICK
4
Reference clock output for the LV3400M/03M
CLK16
DATA
10
11
Clock regeneration monitor
Demodulated data monitor
BLOCK
FLOCK
CRC4
INT
23
22
24
25
Outputs a high level during block synchronization.
Outputs a high level during frame synchronization.
Layer 4 CRCC check result output
External CPU interrupt signal
IC0
IC1
IC2
IC3
IC4
IC5
IC6
IC7
34
35
36
37
39
41
42
43
Internal connections. These pins must be left open.
DO
29
Data output used by the CCB serial interface
Input
Output
XIN
XOUT
1
2
System clock generation crystal oscillator element connections
VDD
VSS
5, 31, 38
3, 33, 40
Power supply (+2.7 to 5.5 V)
Ground


Número de pieza similar - LC72706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Descripción similar - LC72706

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72707E SANYO-LC72707E Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com