Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74201JE Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC74201JE
Descripción Electrónicos  Single Chip MPEG Decoder
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74201JE Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74201JE Datasheet HTML 2Page - Sanyo Semicon Device LC74201JE Datasheet HTML 3Page - Sanyo Semicon Device LC74201JE Datasheet HTML 4Page - Sanyo Semicon Device LC74201JE Datasheet HTML 5Page - Sanyo Semicon Device LC74201JE Datasheet HTML 6Page - Sanyo Semicon Device LC74201JE Datasheet HTML 7Page - Sanyo Semicon Device LC74201JE Datasheet HTML 8Page - Sanyo Semicon Device LC74201JE Datasheet HTML 9Page - Sanyo Semicon Device LC74201JE Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Continued from preceding page
No. 5761-6/21
LC74201JE
Pin No.
Symbol
I/O
Logic
Function
26
RY5
I/O
Positive
Video signal outputs (R/Y signals). (Normally in output mode.)
25
RY4
I/O
Positive
28
RY7 (MSB)
I/O
Positive
27
RY6
I/O
Positive
Horizontal synchronization signal output. Tristate output using DVDD2 (5-V) power supply.
Composite synchronization signal output. Tristate output using DVDD2 (5-V) power supply.
Blanking signal output (horizontal and vertical blanking interval signal). Tristate output using DVDD2 (5-V)
power supply.
Tristate output using DVDD2 (5-V) power supply.
30
HSYNC
Out
Negative
32
BLANK
Out
Positive
31
CSYNC
Out
Negative
35
VOE
In
Positive
Video output enable signal input. High: Enable output.
87
DD15 (MSB)
I/O
Positive
89
DD13
I/O
Positive
Data I/O interface with DRAM.
Tristate output using DVDD2 (5-V) power supply.
Row address strobe signal output to expansion 1-Mbit DRAM.
Tristate output using DVDD2 (5-V) power supply.
Row address strobe signal output to 4-Mbit DRAM.
Tristate output using DVDD2 (5-V) power supply.
Write enable signal output to DRAM. Tristate output using DVDD2 (5-V) power supply.
Column address strobe signal output to DRAM. N-channel open-drain output.
88
DD14
I/O
Positive
91
DD11
I/O
Positive
90
DD12
I/O
Positive
92
DD10
I/O
Positive
94
DD8
I/O
Positive
93
DD9
I/O
Positive
96
DD6
I/O
Positive
95
DD7
I/O
Positive
99
DD5
I/O
Positive
101
DD3
I/O
Positive
100
DD4
I/O
Positive
103
DD1
I/O
Positive
102
DD2
I/O
Positive
104
DD0 (LSB)
I/O
Positive
107
RAS0
Out
Negative
106
RAS1
Out
Negative
111
CAS
Out
Negative
109
WE
Out
Negative
Output enable signal output to DRAM. Tristate output using DVDD2 (5-V) power supply.
113
OE
Out
Negative
Continued on next page.


Número de pieza similar - LC74201JE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
   Video CD Decoder
More results

Descripción similar - LC74201JE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
Broadcom Corporation.
BCM7411 BOARDCOM-BCM7411 Datasheet
129Kb / 2P
   AVC/MPEG HIGH-DEFINITION DECODER
logo
NXP Semiconductors
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com