Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74411 Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC74411
Descripción Electrónicos  PIP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74411 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC74411 Datasheet HTML 1Page - Sanyo Semicon Device LC74411 Datasheet HTML 2Page - Sanyo Semicon Device LC74411 Datasheet HTML 3Page - Sanyo Semicon Device LC74411 Datasheet HTML 4Page - Sanyo Semicon Device LC74411 Datasheet HTML 5Page - Sanyo Semicon Device LC74411 Datasheet HTML 6Page - Sanyo Semicon Device LC74411 Datasheet HTML 7Page - Sanyo Semicon Device LC74411 Datasheet HTML 8Page - Sanyo Semicon Device LC74411 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sub-Screen Size
The vertical and horizontal directions can be controlled independently.
• Vertical size
– 1/3: Three scan lines are compressed to one.
– 1/4: Four scan lines are compressed to one.
• Horizontal size
– 1/3: A/D clock : D/A clock = 1:3
– 1/4: A/D clock : D/A clock = 1:4
When 1/4 compression is used, the output data will be 3/4 of 1/3 of the input data.
– Aspect ratio correction function
The horizontal size is adjusted by changing the VCO frequency (system clock).
This frequency can be changed from –30% to +30%.
Wipe Function
The WTOP, WBOT, WLEFT, and WRIGHT operations can be specified independently.
Display Area Function
This function controls an area to be blanked.
The vertical and horizontal directions can be set independently.
The operating mode is set using the wipe function WTOP, WBOT, WLEFT, and WRIGHT parameters.
No. 5519-5/14
LC74411N, LC74411NE


Número de pieza similar - LC74411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
More results

Descripción similar - LC74411

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com