Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC7461M Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC7461M
Descripción Electrónicos  Infrared Remote Control Transmitter IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7461M Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC7461M Datasheet HTML 1Page - Sanyo Semicon Device LC7461M Datasheet HTML 2Page - Sanyo Semicon Device LC7461M Datasheet HTML 3Page - Sanyo Semicon Device LC7461M Datasheet HTML 4Page - Sanyo Semicon Device LC7461M Datasheet HTML 5Page - Sanyo Semicon Device LC7461M Datasheet HTML 6Page - Sanyo Semicon Device LC7461M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4.
Transmit waveforms
The period of time shown below is for fOSC = 455 kHz.
Custom code
Custom code
Key data
Key data
13 bits
13 bits
8 bits
8 bits
Leader code
.
First time
.
Second time onward (Transmission is available only when key entry continues.)
.
Carrier waveform
Carrier frequency = 1/12 fOSC 7 38 kHz
LC7461M
No.2119-6/7


Número de pieza similar - LC7461M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7462 SANYO-LC7462 Datasheet
137Kb / 8P
   Infrared Remote Control Transmitter IC
LC7462M SANYO-LC7462M Datasheet
137Kb / 8P
   Infrared Remote Control Transmitter IC
LC7463 SANYO-LC7463 Datasheet
144Kb / 7P
   Infrared Remote Control Transmitter IC
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
   Infrared Remote Control Transmitter IC
LC7464 SANYO-LC7464 Datasheet
155Kb / 7P
   Infrared Remote Control Transmitter IC
More results

Descripción similar - LC7461M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
   Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
   Infrared remote control transmitter IC
logo
Sanyo Semicon Device
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
   Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
   Infrared Remote Control Transmitter IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
   Infrared Remote-Control Transmitter IC
logo
Sanyo Semicon Device
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
   Infrared Remote Control Transmitter IC
LC7465M SANYO-LC7465M Datasheet
187Kb / 8P
   Infrared Remote Control Transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
   Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
   Infrared remote control transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0507 BELLING-BL0507 Datasheet
91Kb / 9P
   Infrared Remote Control Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com