Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74760M Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC74760M
Descripción Electrónicos  On-Screen Display IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74760M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74760M Datasheet HTML 5Page - Sanyo Semicon Device LC74760M Datasheet HTML 6Page - Sanyo Semicon Device LC74760M Datasheet HTML 7Page - Sanyo Semicon Device LC74760M Datasheet HTML 8Page - Sanyo Semicon Device LC74760M Datasheet HTML 9Page - Sanyo Semicon Device LC74760M Datasheet HTML 10Page - Sanyo Semicon Device LC74760M Datasheet HTML 11Page - Sanyo Semicon Device LC74760M Datasheet HTML 12Page - Sanyo Semicon Device LC74760M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification code
6
0
5
HP5
0
(MSB)
1
4
HP4
0
1
The horizontal display start position is given by
3
HP3
0
The six bits HP0 to HP5 specify the
1
vertical display start position.
2
HP2
0
The weight of the lsb is 1 x Tc.
1
where Tc is the period of the OSCIN and OSCOUT oscillator in
1
HP1
0
operating mode.
1
0
HP0
0
(LSB)
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
5
COMMAND4: Display Control Setting Command 1
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
1
The command 4 identification code:
5
0
sets display control parameters.
4
0
3
RSTSYS
0
This reset occurs when the CS pin goes
1
Resets all registers. (Clears all registers to 0.)
low, and the reset state cleared when
the CS pin goes high.
2
RAMERS
0
The RAM erase function requires at
1
Erases display RAM. (Sets display RAM to 7F (hexadecimal).)
least 500 µs.
It is executed on DSPOFF.
1
OSCSTP
0
Continues crystal oscillator operation.
Only valid with character display off if
1
Stops the crystal oscillator.
external synchronization is used.
0
RNDSEL
0
Turns off rounding.
Only valid for double and triple size
1
Turns on rounding.
characters.
No. 4453-9/14
LC74760, 74760M
5
HS = Tc
× ( Σ 2nHPn)
n = 0


Número de pieza similar - LC74760M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Descripción similar - LC74760M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
logo
New Japan Radio
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
   ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com