Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74775M Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC74775M
Descripción Electrónicos  On-Screen Display Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC74775M Datasheet HTML 1Page - Sanyo Semicon Device LC74775M Datasheet HTML 2Page - Sanyo Semicon Device LC74775M Datasheet HTML 3Page - Sanyo Semicon Device LC74775M Datasheet HTML 4Page - Sanyo Semicon Device LC74775M Datasheet HTML 5Page - Sanyo Semicon Device LC74775M Datasheet HTML 6Page - Sanyo Semicon Device LC74775M Datasheet HTML 7Page - Sanyo Semicon Device LC74775M Datasheet HTML 8Page - Sanyo Semicon Device LC74775M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Absolute Maximum Ratings
No. 5919-4/35
LC74775, 74775M
Paremeter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDDmax
VDD1, VDD2, and VDD3
VSS – 0.3 to VSS + 6.5
V
Maximum input voltage
VINmax
All input pins
VSS – 0.3 to VDD1 + 0.3
V
Maximum output voltage
VOUTmax
SDA, SYNCJDG, and SEPOUT
VSS – 0.3 to VDD1 + 0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
350
mW
Operating temperature
Topr
–30 to + 70
°C
Storage temperature
Tstg
–40 to + 125
°C
Continued on next page.
Allowable Operating Ranges
Ratings
Paremeter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD1
VDD1, VDD3
4.5
5.0
5.5
V
VDD2
VDD2
4.5
5.0
6.5
V
VIH1
CS, SIN, SCLK, SDA, SCL,
0.8VDD1
5.5
V
Input high-level voltage
VIH2
RST, MUTE
0.8VDD1
VDD1 + 0.3
V
VIH3
CTRL1
0.7VDD1
VDD1 + 0.3
V
VIL1
RST, CS, SIN, SCLK, SDA, SCL,
VSS – 0.3
0.2VDD1
V
Input low-level voltage
MUTE
VIL2
CTRL1
VSS – 0.3
0.3VDD1
V
Pull-up resistance
RPU
RST, CS, SIN, SCLK, MUTE
25
50
90
k
Applies to pins set up by options.
Composite video signal
VIN1
CVIN, CVCR: VDD1 = 5V
2.0
Vp-p
input voltage
VIN2
SYNIN: VDD1 = 5V
1.5
2.0
2.5
Vp-p
Input voltage
VIN3
XtalIN (when used for external clock input)
0.10
5.0
Vp-p
fIN = 2fsc or 4fsc: VDD1= 5V
fOSC1
XtalIN and XtalOUT oscillator pins (2fsc: PAL)
8.867
MHz
Oscillator frequencies
fOSC2
XtalIN and XtalOUT oscillator pins (4fsc: PAL)
17.734
MHz
fOSC3
OSCIN and OSCOUT oscillator pins (LC oscillator)
5
10
MHz
Note: Applications must be especially cautious about noise when using the XtalIN input pin in clock input mode.
Electrical Characteristics at Ta = –30 to +70°C, VDD1 = 5 V unless otherwise specified
Ratings
Paremeter
Symbol
Conditions
min
typ
max
Unit
Input off leakage current
Ileak1
CVIN, CVCR
1
µA
Output off leakage current
Ileak2
CVOUT, SDA
1
µA
Output high-level voltage
VOH1
SEPOUT, CPOUT, SYNCJDG
3.5
V
VDD1 = 4.5V, IOH = –1.0 mA
VOL1
SEPOUT, CPOUT, SYNCJDG
1.0
V
Output low-level voltage
VDD1 = 4.5 V, IOL = 1.0 mA
VOL2
SDA: VDD1 = 5.0V, IOL = 3.0 mA
0.4
V
H
3.3
5.0
V
Three-value output voltage
VO
CHABLK: VDD1 = 5.0 V
M
1.8
2.3
V
L
0
0.8
V
IIH
RST, CS, SIN, SCLK, SDA, SCL, CTRL1,
1
µA
Input current
MUTE, VCOIN: VIN = VDD1
IIL
CTRL1, SDA, SCL, VCOIN
–1
µA
VIN = VSS1
IDD1
VDD1 and VDD3: With all outputs open
40
mA
Operating mode current drain
Xtal: 17.734 MHz, LC: 8 MHz
IDD2
VDD2: VDD2 = 5 V
20
mA
CVOUT: VDD1 = 5.0 V,
(1)
0.80
V
SYNC level
VSN
VDD2 = 5.0 V
(2)
1.00
V
(3)
1.40
V
CVOUT: VDD1 = 5.0 V,
(1)
1.37
V
Pedestal level
VPD
VDD2 = 5.0 V
(2)
1.57
V
(3)
1.97
V


Número de pieza similar - LC74775M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74770 SANYO-LC74770 Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

Descripción similar - LC74775M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com