Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL32498EIUZ Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL32498EIUZ
Descripción Electrónicos  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32498EIUZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL32498EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32498EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
2
FN7786.0
January 18, 2011
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN PINS?
HOT
PLUG?
QUIESCENT ICC
(mA)
LOW POWER
SHDN?
PIN
COUNT
ISL32490E
Full
0.25
Yes
Yes
Yes
2.3
Yes
14
ISL32492E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL32493E
Full
1
Yes
Yes
Yes
2.3
Yes
14
ISL32495E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL32496E
Full
15
No
Yes
Yes
2.3
Yes
14
ISL32498E
Half
15
No
Yes
Yes
2.3
Yes
8
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32490EIBZ
ISL32490 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32492EIBZ
32492 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32492EIUZ
2492E
-40 to +85
8 Ld MSOP
M8.118
ISL32493EIBZ
ISL32493 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32495EIBZ
32495 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32495EIUZ
2495E
-40 to +85
8 Ld MSOP
M8.118
ISL32496EIBZ
ISL32496 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32498EIBZ
32498 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32498EIUZ
2498E
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E.
For more information on MSL please see techbrief TB363.
Pin Configurations
ISL32492E, ISL32495E, ISL32498E
(8 LD MSOP, 8 LD SOIC)
TOP VIEW
ISL32490E, ISL32493E, ISL32496E
(14 LD SOIC)
TOP VIEW
NOTE: Evaluate creepage and clearance requirements at your maximum fault voltage before using small pitch packages (e.g., MSOP).
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
VCC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R


Número de pieza similar - ISL32498EIUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32498EIUZ INTERSIL-ISL32498EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32498EIUZ RENESAS-ISL32498EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Descripción similar - ISL32498EIUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com