Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3125 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza 2SK3125
Descripción Electrónicos  DC-DC Converter, Relay Drive and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3125_08 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125_08 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3125
2008-12-22
3
ID − VDS
ID − VGS
VDS − VGS
⎪Yfs⎪ − ID
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
RDS (ON) − ID
VGS = 3.25 V
8
10
0
0.2
0.4
1
0.6
0.8
0
20
60
100
40
80
Common source
Tc
= 25°C
Pulse test
6
5
4.5
4
3.75
3.5
30
ID = 70 A
15
Common source
Tc
= 25°C
Pulse test
0
0.2
0.6
1.0
0.4
0.8
1.2
0
2
4
10
68
12
25
Tc
= −55°C
100
Common source
VDS = 10 V
Pulse test
100
1
10
1000
1
1000
10
100
100
1
10
1100
10
VGS = 10, 15 V
Common source
Tc
= 25°C
Pulse test
ID − VDS
Drain-source voltage VDS (V)
VGS = 3.25 V
Common source
Tc
= 25°C
Pulse test
4.5
8
01
2
5
3
4
0
20
60
100
40
80
4
4.25
10
6
5
3.5
3.75
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
25
100
0
1
2
5
34
6
0
20
60
100
40
80
120


Número de pieza similar - 2SK3125_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Descripción similar - 2SK3125_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3506 TOSHIBA-2SK3506_09 Datasheet
150Kb / 3P
   Relay Drive and DC-DC Converter Applications
2SK3397 TOSHIBA-2SK3397_09 Datasheet
210Kb / 6P
   Relay Drive and DC-DC Converter Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com