Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3439 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza 2SK3439
Descripción Electrónicos  DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3439 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3439 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3439
2009-09-29
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
−40
0
40
80
120
160
−80
Common source
VDS = 10 V
Pulse test
3
1
0
ID = 75 A
2
5
4
6
19, 38
0
1
2
3
4
Common source
VDS = 10 V
ID = 1 mA
Pulse test
−80
−40
0
40
120
160
80
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
0.1
3
10
100
300
5
30
50
Common source
Tc
= 25°C
Pulse test
VGS = 0 V
1
3
5
10
0.3
0.5
1
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
100
300
1000
3000
10000
0.1
0.3
1
3
10
30
Ciss
Coss
Crss
200
120
10
0
40
80
120
160
40
80
160
200
0
4
8
16
20
12
0
10
30
40
50
20
Common source
ID = 75 A
Tc
= 25°C
Pulse test
0
80
160
40
120
200
VDS
VDD = 24 V
12
VGS
6


Número de pieza similar - 2SK3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
More results

Descripción similar - 2SK3439

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com