Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75808E Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC75808E
Descripción Electrónicos  1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC75808E Datasheet HTML 1Page - Sanyo Semicon Device LC75808E Datasheet HTML 2Page - Sanyo Semicon Device LC75808E Datasheet HTML 3Page - Sanyo Semicon Device LC75808E Datasheet HTML 4Page - Sanyo Semicon Device LC75808E Datasheet HTML 5Page - Sanyo Semicon Device LC75808E Datasheet HTML 6Page - Sanyo Semicon Device LC75808E Datasheet HTML 7Page - Sanyo Semicon Device LC75808E Datasheet HTML 8Page - Sanyo Semicon Device LC75808E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
No. 6370 -4/39
LC75808E, 75808W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH, KI1 to KI5
0.1 VDD
V
Power-down detection voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0 V
50
100
250
k
Output off leakage current
IOFFH
DO: VO = 6.0 V
6.0
µA
VOH1
S1 to S60: IO = –20 µA
VLCD0 – 0.6
Output high level voltage
VOH2
COM1 to COM10: IO = –100 µA
VLCD0 – 0.6
V
VOH3
KS1 to KS6: IO = –500 µA
VDD – 1.0
VDD – 0.5
VDD – 0.2
VOH4
P1 to P4: IO = –1 mA
VDD – 1.0
VOL1
S1 to S60: IO = 20 µA
VLCD4 + 0.6
VOL2
COM1 to COM10: IO = 100 µA
VLCD4 + 0.6
Output low level voltage
VOL3
KS1 to KS6: IO = 25 µA
0.2
0.5
1.5
V
VOL4
P1 to P4: IO = 1 mA
1.0
VOL5
DO: IO = 1mA
0.1
0.5
2/4
2/4
VMID1
S1 to S60: IO = ±20 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
–0.6
+0.6
3/4
3/4
Output middle level voltage *2
VMID2
COM1 to COM10: IO = ±100 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
V
–0.6
+0.6
1/4
1/4
VMID3
COM1 to COM10: IO = ±100 µA
(VLCD0 – VLCD4)
(VLCD0 – VLCD4)
–0.6
+0.6
Oscillator frequency
fosc
OSC: ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD1VDD :Sleep mode
100
IDD2VDD: VDD = 6.0 V, outputs open,fosc = 50 kHz
250
500
ILCD1VLCD : Sleep mode
5
VLCD : VLCD = 11.0 V
Current drain
ILCD2
Outputs open
500
1000
µA
fosc = 50 kHz
(When the display contrast adjustment circuit is used.)
VLCD : VLCD = 11.0 V
Outputs open
ILCD3
fosc = 50 kHz
250
500
(When the display contrast adjustment circuit is not
used.)
Electrical Characteristics for the Allowable Operating Ranges
Note: *2. Excluding the bias voltage generation divider resistor built into VLCD0, VLCD1, VLCD2 , VLCD3, and VLCD4. (See Figure 1.)


Número de pieza similar - LC75808E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
More results

Descripción similar - LC75808E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com