Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3634 Datasheet(PDF) 4 Page - Microsemi Corporation

No. de pieza 2N3634
Descripción Electrónicos  PNP SILICON SWITCHING TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3634 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3634 Datasheet HTML 1Page - Microsemi Corporation 2N3634 Datasheet HTML 2Page - Microsemi Corporation 2N3634 Datasheet HTML 3Page - Microsemi Corporation 2N3634 Datasheet HTML 4Page - Microsemi Corporation 2N3634 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0156 Rev. 2 (101452)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Beyond r maximum, TW must be held to a minimum length of .021 inch (0.53 mm).
4.
TL measured from maximum HD.
5.
CD shall not vary more than ±.010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
6.
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 inch (0.18 mm) radius of
true position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by
direct methods or by gauge and gauging procedure.
7.
LU applies between L1 and L2. LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
8.
r (radius) applies to both inside corners of tab.
9.
For transistor types 2N3634 through 2N3637, LL is .500 inch (12.70 mm) minimum, and .750 inch (19.05 mm)
maximum (TO-39).
10.
For transistor types 2N3634L through 2N3637L, LL is 1.500 inches (38.10 mm) minimum, and 1.750 inches (44.45 mm)
maximum (TO-5).
11.
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 1: Physical dimensions (TO-5 and TO-39)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TYP
5.08 TYP
7
LD
.016
.021
0.41
0.53
6
LL
See notes 7, 9, and 10
LU
.016
.019
0.41
0.48
7
L1
050
1.27
7
L2
.250
6.35
7
P
.100
2.54
5
Q
.050
1.27
r
.010
0.254
8
TL
.029
.045
0.74
1.14
4
TW
.028
.034
0.71
0.86
3
α
45° TP
45° TP
6
Term 1
Emitter
Term 2
Base
Term 3
Collector


Número de pieza similar - 2N3634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3634 BOCA-2N3634 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
logo
Central Semiconductor C...
2N3634 CENTRAL-2N3634 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3634 SEME-LAB-2N3634 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
233Kb / 5P
   RADIATION HARDENED
More results

Descripción similar - 2N3634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com