Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75811W Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC75811W
Descripción Electrónicos  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75811W Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75811W Datasheet HTML 7Page - Sanyo Semicon Device LC75811W Datasheet HTML 8Page - Sanyo Semicon Device LC75811W Datasheet HTML 9Page - Sanyo Semicon Device LC75811W Datasheet HTML 10Page - Sanyo Semicon Device LC75811W Datasheet HTML 11Page - Sanyo Semicon Device LC75811W Datasheet HTML 12Page - Sanyo Semicon Device LC75811W Datasheet HTML 13Page - Sanyo Semicon Device LC75811W Datasheet HTML 14Page - Sanyo Semicon Device LC75811W Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
No. 5915-11/27
LC75811E, 75811W
Detailed Instruction Descriptions
• Set display technique ... <Sets the display technique>
Code
D56
D57
D58
D59
D60
D61
D62
D63
DT1
DT2
X
X
0
0
0
1
X: don’t care
X: don’t care
Note: *10. Sn (n = 59, 60): Segment outputs
COMn (n = 9, 10): Common outputs
DT1, DT2: Setting the display technique
DT1
DT2
Display technique
Output pins
S60/COM9
S59/COM10
0
0
1/8 duty, 1/4 bias drive
S60
S59
1
0
1/9 duty, 1/4 bias drive
COM9
S59
0
1
1/10 duty, 1/4 bias drive
COM9
COM10
• Display on/off control ... <Turns the display on or off>
Code
D40
D41
D42
D43
D44
D45
D46
D47
D48
D49
D50
D51
D52
D53
D54
D55
D56
D57
D58
D59
DG1 DG2 DG3 DG4 DG5 DG6 DG7 DG8 DG9 DG10 DG11 DG12
X
X
X
X
M
A
SC
BU
D60
D61
D62
D63
0
0
1
0
M, A: Specifies the data to be turned on or off.
Note: *11. MDATA, ADATA
5
× 7 dot matrix display
5
× 8 dot matrix display
5
× 9 dot matrix display
M
A
Display operating state
0
0
Both MDATA and ADATA are turned off (The display is forcibly turned off regardless of the DG1 to DG12 data.)
0
1
Only ADATA is turned on (The ADATA of display digits specified by the DG1 to DG12 data are turned on.)
1
0
Only MDATA is turned on (The MDATA of display digits specified by the DG1 to DG12 data are turned on.)
1
1
Both MDATA and ADATA are turned on (The MDATA and ADATA of display digits specified by the DG1 to DG12 data are turned on.)
DG1 to DG12: Specifies the display digit
For example, if DG1 to DG6 are 1, and DG7 to DG12 are 0, then display digits 1 to 6 will be turned on, and display digits 7
to 12 will be turned off (blanked).
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
Display digit data
DG1
DG2
DG3
DG4
DG5
DG6
DG7
DG8
DG9 DG10 DG11 DG12


Número de pieza similar - LC75811W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810E ONSEMI-LC75810E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810T SANYO-LC75810T Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T ONSEMI-LC75810T Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

Descripción similar - LC75811W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC450210PCH ONSEMI-LC450210PCH_17 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT_17 Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com